Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K5V Datasheet(PDF) 6 Page - C&K Components

Part # K5V
Description  Right Angle Lighted SMT Tact Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

K5V Datasheet(HTML) 6 Page - C&K Components

  K5V Datasheet HTML 1Page - C&K Components K5V Datasheet HTML 2Page - C&K Components K5V Datasheet HTML 3Page - C&K Components K5V Datasheet HTML 4Page - C&K Components K5V Datasheet HTML 5Page - C&K Components K5V Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
B–52
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
K5V
Panel Mount Lighted Tact Switch
10,4
9,7
3
AB
1
4
CB
2
(.413)
(.381)
K5V PM
1,3
4
1,92
8,15 ±0,2
0,6
5,2
8,05 ±0,15
Force
Plating
LED
Day of year
Shift
(.051)
(.205)
(.316±.006)
(320±.008)
(.023)
(.157)
1,92
Year
AB
CB
1
2
4
3
AG/CY
CG/AY
1
2
4
3
Y
G
AG/CY
CG/AR
1
2
4
3
R
AG/CR
Bi-Color LED — YG
Bi-Color LED — RG
Single Color LED
A
A
B
B
290 ±1
22
7,46
9,24
10,8
10
SEE DETAIL Q
COUPE A-A
COUPE B-B
11,5
10,6
4,9
7
DETAIL Q
(11.417±.039)
(.866)
7,46
7,46
(.452)
(.417)
(.276)
(.425)
(.364)
PRODUCT IDENTIFICATION AND DATE CODES
SUITABLE FOR PANEL THICKNESS OF 1.8MM MAX
ELECTRICAL DIAGRAM
TRAY
TERMINAL REFERENCES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com