Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMS2GPLFS Datasheet(PDF) 2 Page - C&K Components

Part # KMS2GPLFS
Description  Microminiature SMT Side Actuated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMS2GPLFS Datasheet(HTML) 2 Page - C&K Components

  KMS2GPLFS Datasheet HTML 1Page - C&K Components KMS2GPLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–14
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
KMS Series
Microminiature SMT Side Actuated
B
B
2308
2,5
4,6
4,2
Day
Year
Marking
Code
Shift
5
3,2
1,7
0,1
0,3 ± 0,2
3,8 ± 0,03
233A
KMS
A
A
B
B
ø
+0,25
0
ø
R0,
5
1,67 ± 0,1
0,229 ± 0,02
70 max
3,15 ± 0,1
4 ± 0,1
1,5
4,65 ± 0,1
1,5 ± 0,1
2 ± 0,05
8 ± 0,1
DIRECTION OF FEED
B
B
A
A
PCB LAYOUT
TOP VIEW
ø0,75±0,1
4,2
0,1
4,6
3,8 ± 0,03
0,3 ± 0,2
2,5
1,95
0,1
2308
Day
Year
Marking
Code
Shift
233A
KMS WITH PEGS
WITH PEGS
TAPE & REEL
A
A
B
B
ø
+0,25
0
ø
70 max
0,229 ± 0,02
4 ± 0,1
8 ± 0,1
1,67 ± 0,1
1,5 ± 0,1
1,5
4,65± 0,1
3
2 ± 0,05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com