Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC Datasheet(PDF) 2 Page - C&K Components

Part # KSC
Description  Sealed Tact Switch for SMT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC Datasheet(HTML) 2 Page - C&K Components

  KSC Datasheet HTML 1Page - C&K Components KSC Datasheet HTML 2Page - C&K Components KSC Datasheet HTML 3Page - C&K Components KSC Datasheet HTML 4Page - C&K Components KSC Datasheet HTML 5Page - C&K Components KSC Datasheet HTML 6Page - C&K Components KSC Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
B–24
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B
3,5
ø2,6
(.102)
ø2,8
(.110)
ø4,7
(.185)
ø3,0
(.118)
ACTUATOR
KSC4 SOFT, 5,2 mm HIGH
KSC6 HARD, 7,7 mm HIGH
KSC1 WITHOUT, 2.5 mm HIGH
KSC Series
Sealed Tact Switch for SMT
KSC2 SOFT, 3,5 mm HIGH
KSC3 HARD, 3,5 mm HIGH
2,9
(.114)
KSC4 KSC421V ONLY
NOTE: KSC4 standard silicone
material is 70 shore, the only
exception is KSC401J which is
50 shore.
NOTE: KSC421V requires metalized holds for simultaneous reflow soldering of switch
terminals and bracket terminals.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com