Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC4D Datasheet(PDF) 2 Page - C&K Components

Part # KSC4D
Description  Sealed Detect Switch for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC4D Datasheet(HTML) 2 Page - C&K Components

  KSC4D Datasheet HTML 1Page - C&K Components KSC4D Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E
E–27
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)
KSC4D Series
Sealed Detect Switch for SMT
ø2,6
KSC4D1J SOFT, 5,2 mm high
KSC4D1G SOFT, 5,2 mm high
3,0 max.
8,6 min.
PAD LAYOUT
LAYOUT PAD
12 MINI
5,8 MAXI
10±0,3
Ø2,7±0,1
(15 0’)
7,50.30
(5 0’)
6,20.30
FOR KSC4 FOR J TERMINATION
FOR KSC4 FOR G TERMINATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com