Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC441JST1LFS Datasheet(PDF) 3 Page - C&K Components

Part # KSC441JST1LFS
Description  Sound Tunable Tact Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC441JST1LFS Datasheet(HTML) 3 Page - C&K Components

  KSC441JST1LFS Datasheet HTML 1Page - C&K Components KSC441JST1LFS Datasheet HTML 2Page - C&K Components KSC441JST1LFS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KSC-ST Series
Sound Tunable Tact Switch
SOUND INTENSITY
OPTION
CODE
SOUND INTENSITY
ST1
>50 dBA
ST2
<30 dBA
FOR KSC4 FOR G TERMINATION
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)
FOR KSC4 FOR J TERMINATION
B
B
5,6
(.220)
6,7±0,1
(.264±.004)
12±0,1
(.472±.004)
2±0,05
(.079±.002)
4±0,1
(.157±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4±0,03
(.016±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15±0,02
(.006±.001)
2±0,05
(.079±.002)
Direction of feed
Direction of feed
TAPE & REEL
B–34
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com