Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS Datasheet(PDF) 2 Page - C&K Components

Part # LCS
Description  Subminiature Sealed Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LCS Datasheet(HTML) 2 Page - C&K Components

  LCS Datasheet HTML 1Page - C&K Components LCS Datasheet HTML 2Page - C&K Components LCS Datasheet HTML 3Page - C&K Components LCS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J
J–27
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
LCS Series
Subminiature Sealed Snap-acting Switches
SERIES
3.2 TYP
1.6 TYP
19.8
6.4
9
9.8
2.3±0.1
2.35
TYP
2.3 ± 0.1
TYP
7.5± 0.2
7.5
9.5±0.15
2.6±0.1
2.2
2.8 TYP
TYP
0.5± 0.05
2.4±0.1
LCS
ELECTRICAL RATING
OPERATING FORCE
150 g. max.
203 g. max.
1
2
OPERATING FORCES (grams)
OPTION CODE
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
OPTION CODE
ELECTRICAL RATING
5 AMP, 125/250 V AC
6 AMP, 250 V AC
05
YES
YES
0.1 AMP, 125/250 V AC
01
YES
YES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com