Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTBH Datasheet(PDF) 3 Page - C&K Components

Part # RTBH
Description  1-2 Pole Coded Rotary Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RTBH Datasheet(HTML) 3 Page - C&K Components

  RTBH Datasheet HTML 1Page - C&K Components RTBH Datasheet HTML 2Page - C&K Components RTBH Datasheet HTML 3Page - C&K Components RTBH Datasheet HTML 4Page - C&K Components RTBH Datasheet HTML 5Page - C&K Components RTBH Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K
K–20
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
Third Angle
Projection
RTBH Series
1-2 Pole Coded Rotary Switches
SWITCH FUNCTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
C 1 2 3 4 5 6
7
8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
34 5 C C 10 9 8
12 3 C C 8 7 6
1S10
1S16
1S12
12 3 C C 11 10 9
78
C C
16 15
45 6 C C 14 13 12
45 6 C C 121110
12 3 C C 9 8 7
1S24
45 6 C C 1817 19
1011
C C
23 22
78 9 C C 211918
12
24
12 3 C C 1514 13
1S02
SP, 02 positions with stop
1S03
SP, 03 positions with stop
1S04
SP, 04 positions with stop
1S05
SP, 05 positions with stop
1S06
SP, 06 positions with stop
1S07
SP, 07 positions with stop
1S10
SP, 10 positions with stop
1W10
SP, 10 positions without stop
1S11
SP, 11 positions with stop
1S12
SP, 12 positions with stop
1W12
SP, 12 positions without stop
1S14
SP, 14 positions with stop
1S16
SP, 16 positions with stop
1W16
SP, 16 positions without stop
1S24
SP, 24 positions with stop
1W24
SP, 24 positions without stop
2S04
DP, 4 positions with stop
2S05
DP, 5 positions with stop
2S06
DP, 6 positions with stop
GS_ _ Gray Code with stop (indicate position)
GW_ _ Gray Code without stop (indicate position) only can be 10,12, 16, 24 based on indexing
BS_ _ Binary Code with stop (indicate position)
BW_ _ Binary Code without stop (indicate position) only can be 10,12, 16, 24 based on indexing
CS_ _ Complement with stop (indicate position)
CW_ _ Complement without stop (indicate position) only can be 10,12, 16, 24 based on indexing
ES_ _
Direct+Complement with stop (indicate position)
EW_ _ Direct+Complement without stop (indicate position) only can be 10,12, 16, 24 based on indexing
1
Single Pole Function
1S10, 1S12, 1S16, 1S24
Switch Function Number of Poles or code (binary code = B, complement = C, direct +complement = BC)
(first digit), Stop (with=S, without=W), Maximum Position (third & fourth digit)
NOTE: Switch depicted from top down onto PCB.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com