Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA Datasheet(PDF) 2 Page - C&K Components

Part # TDA
Description  Ultra-miniature Surface Mount Half-pitch DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDA Datasheet(HTML) 2 Page - C&K Components

  TDA Datasheet HTML 1Page - C&K Components TDA Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H
H–7
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
TDA Series
Ultra-miniature Surface Mount Half-pitch DIP Switches
TAPE SEAL
.016
(0,4)
.086
(2,2)
.090
(2,3)
.022
(0,57)
.042
(1,06)
.320
(8,12)
.006
(0,15)
.244
(6,2)
.236
(6,0)
78
6
5
4
3
2
1
ON
TDA08
C&K
.032
(0,8)
CHAMFER
.047
(1,2)
.050
(1,27)
DIM 'A'
.018
(0,45)
.030
(0,76)
.050
(1,27)
.300
(7,62)
.250
(6,35)
.350
(8,89)
0.050 TYP.
(1,27)
Tape & Reel Package
TDA08H0SB1
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘W’
PER REEL
TDA02H0SB1R
2
.630 (16,0)
2000
TDA04H0SB1R
4
.630 (16,0)
2000
TDA06H0SB1R
6
.630 (16,0)
2000
TDA08H0SB1R
8
.945 (24,0)
2000
TDA10H0SB1R
10
.945 (24,0)
2000
0.118
(3,0)
MARKING LABEL
EMBOSSED
CARRIER
DIRECTION OF FEED
.079 REF
(2,0)
DIM 'W'
SEE CHART
.472
(12,0)
REEL
DIAMETER 13”
(330mm)
DIRECTION OF FEED
Tube Package
ROHS
NO.
QUANTITY
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
TDA02H0SB1
2
.144 (3,67)
125
TDA04H0SB1
4
.244 (6,21)
70
TDA06H0SB1
6
.344 (8,75)
50
TDA08H0SB1
8
.444 (11,29)
40
TDA10H0SB1
10
.544 (13,83)
30
Schematic
SPST
19.68
(500,0)
0.173 REF
(4,40)
0.083 REF
(2,10)
MARKING LABEL
ON END OF TUBE
0.441 REF
(11,20)
0.134 REF
(3,40)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com