Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP Datasheet(PDF) 3 Page - C&K Components

Part # TDP
Description  Half-pitch Side-Actuated DIP Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TDP Datasheet(HTML) 3 Page - C&K Components

  TDP Datasheet HTML 1Page - C&K Components TDP Datasheet HTML 2Page - C&K Components TDP Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
H
H–5
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
TDP Series
Ultra-miniature Surface Mount
Half-pitch Side-Actuated DIP Switches
QTY
MODEL NUMBER
IN TUBE
TDP02
125
TDP04
70
TDP06
50
TDP08
40
TDP10
30
0.022
(0,57)
0.042
(1,06)
0.320
(8,12)
0.006
(0,15)
0.228
(5,8)
10
0.030
(0,75)
0.236
(6,0)
0
0.030
(0,76)
0.050
(1,27)
0.300
(7,62)
0.250
(6,35)
0.350
(8,89)
DIM 'B'
CHAMFER
0.047
(1,2)
0.050 TYP.
(1,27)
DIM 'A'
0.018
(0,45)
DATE
CODE
2X 0.039 (1,0)
TDP08
5A
C&K
1
2
3
4
56
7
8
0.161
(4,1)
0.023
(0,6)
0.012/0.004
(0,3/0,1)
O
N 1
2
3
4
56
7
8
PIN #1
NOTE: PART NUMBER SHOWN:TDP08H1SBD1R
EMBOSSED CARRIER
DIRECTION OF FEED
Ø0.059
(1,50Ø)
0.157
(4,00)
0.472
(12,00)
0.079
(2,00)
0.453
(11,5)
DIM. 'W'
SEE CHART
0.012
(0,30)
DIM. “P”
SEE CHART
0.350
(8,9)
0.191
REF
(4,86)
0.350
(8,9)
MARKING LABEL
FEED DIRECTION
0.069
(1,75)
A
SECTION A-A
SECTION B-B
A
B
B
19.690±.039
(500,0±1,0)
0.134
(3,4)
0.440
(11,2)
0.201
(5,1)
0.248
(6,3)
0.055
(1,4)
0.020
(0,5)
0.039
(1,0)
R 0.043
(R 1,1)
R 0.020
(R 0,5)
0.130
(3,3)
0.130
(3,3)
DIM
DIM.
DIM
PART NUMBER
‘W’
“P”
PER REEL
TDP02
0.630 (16,0)
0.175 (4,45)
1,000
TDP04
0.630 (16,0)
0.276 (7,0)
1,000
TDP06
0.630 (16,0)
0.376 (9,55)
1,000
TDP08
0.945 (24,0)
0.476 (12,1)
1,000
TDP10
0.945 (24,0)
0.576 (14,65)
1,000
Tape and Reel Packaging
Note: Switch shown has H1 extended actuator.
Extended Actuator-No Top Tape,
Surface Mount Terminals
Tube Packaging
NO.
DIM
DIM
QUANTITY
PART NUMBER
POS.
‘A’
“B”
PER TUBE
TDP02H1SBD1
2
0.144 (3,67)
0.050 (1,27)
125
TDP04H1SBD1
4
0.244 (6,21)
0.150 (3,81)
70
TDP06H1SBD1
6
0.344 (8,74)
0.250 (6,35)
50
TDP08H1SBD1
8
0.444 (11,29)
0.350 (8,89)
40
TDP10H1SBD1
10
0.544 (13,82)
0.450 (11,43)
30
Schematic
SPST



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com