Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMGD6P0040C Datasheet(PDF) 1 Page - C&K Components

Part # TMGD6P0040C
Description  Miniature Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TMGD6P0040C Datasheet(HTML) 1 Page - C&K Components

  TMGD6P0040C Datasheet HTML 1Page - C&K Components TMGD6P0040C Datasheet HTML 2Page - C&K Components TMGD6P0040C Datasheet HTML 3Page - C&K Components TMGD6P0040C Datasheet HTML 4Page - C&K Components TMGD6P0040C Datasheet HTML 5Page - C&K Components TMGD6P0040C Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J
J–11
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
TM Series
Miniature Snap-acting Switches
Features/Benefits
• Broad range of operating forces available
• Wide variety of actuator and terminal styles
• Cost-effective solution
Typical Applications
• Pumps and motors
• White goods
• Consumer appliances
Specifications
CONTACT RATING: From low level* to 15 AMPS @ 250 V AC.
ELECTRICAL LIFE: 150,000 cycles at 15 AMPS @ 250 V AC, models
with 150 grams operating force. 350,000 cycles at 10 AMPS @
250 V AC, models with 75 grams operating force.
INSULATION RESISTANCE: 1,000 M
οηµ
min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –67ºF to 302ºF (–55ºC to 150ºC).
OPERATING FORCE: 50, 75 and 150 grams at actuator available;
refer to chart for lever style forces.
MOUNTING: Torque screws 2-5 in/lbs.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max.
Materials
SWITCH HOUSING: Thermoplastic or general purpose phenolic
(UL 94V-0).
ACTUATOR BUTTON: Thermoplastic (UL 94V-0).
SPRING: Copper alloy.
PIVOT: Brass alloy.
MOVABLE CONTACTS: Gold alloy for ratings 1 AMP @ 125 V AC
or less. Fine silver for ratings greater than 1 AMP @ 125 V AC.
STATIONARY CONTACTS: Gold alloy for ratings 1 AMP or less.
Fine silver for ratings greater than 1 AMP.
TERMINALS: Brass alloy for ratings up to 10 AMPS @ 250 V AC.
Copper alloy for 15 AMPS @ 250 V AC ratings.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J-12 through J-16. For additional options not shown in catalog, consult Customer Service Center.
Available extended electrical life per UL 1054, rated for 100,000 operations, consult factory.
Series
TM SP, Mom.
Operating Force
CG 2.65 oz./75 grams
CJ 5.29 oz.,/150 grams
CF 1.76 oz./50 grams
Electrical Rating
D6 1O A @ 125 & 250 V AC; 1/3 HP @ 125 & 25O V
AC;1/2 A @ 125 V DC; 1/4 A @ 250 V DC
G6 15 A @ 125 & 250 V AC; 1/4 A @ 250 V DC;
1/2 A @ 125 V DC; 1/2 HP @ 125 & 250 V AC;
3 A @ 125 V AC “L”
F5 1 A @ 125 V AC; 1 A @ 30 V DC
H3 5 A @ 250 V AC; 1/6 HP @ 125 & 25O V AC
Actuator
P00 Pin plunger
A10 .81" lever roller, high force
A15 1.34" lever roller, high force
A20 1.02" lever roller, low force
A25 1.56" lever roller, low force
T10 .84" lever, high force
T13 1.34" simulated roller, high force
T14 1.29" simulated roller, high force
T15 1.40" lever, high force
T16 2.34" lever, high force
T17 2.00" lever, high force
T18 2.75" lever, high force
T20 1.06" lever, low force
T23 1.56" simulated roller, low force
T24 1.50" simulated roller, low force
T25 1.62" lever, low force
T26 2.56" lever, low force
T27 2.22" lever, low force
T28 2.97" lever, low force
Terminations
40
.187" quick connect
10
Solder
4A .250" quick connect
60
Screw
Circuitry
C SPDT
W SPST N.C.
Y SPST N.O.
Mounting Style
S Standard
V Metric
T
M
* All models


Similar Part No. - TMGD6P0040C

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMG07 TRACOPOWER-TMG07 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 07 Series, 7 Watt
Rev. March 16, 2023
TMG07105 TRACOPOWER-TMG07105 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 07 Series, 7 Watt
Rev. March 16, 2023
TMG07112 TRACOPOWER-TMG07112 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 07 Series, 7 Watt
Rev. March 16, 2023
TMG07115 TRACOPOWER-TMG07115 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 07 Series, 7 Watt
Rev. March 16, 2023
TMG07124 TRACOPOWER-TMG07124 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 07 Series, 7 Watt
Rev. March 16, 2023
More results

Similar Description - TMGD6P0040C

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
Miniature Subminiature Precision Snap-acting Switches
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
Subminiature Snap-acting Switches
TFCJJ6SP0040C ITT-TFCJJ6SP0040C Datasheet
308Kb / 6P
Miniature Snap-acting Switches
TMCGD6SP0040C ITT-TMCGD6SP0040C Datasheet
307Kb / 6P
Miniature Snap-acting Switches
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
Miniature Snap-acting Switches
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
Subminiature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
Splash Proof Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
Miniature Snap-acting Switches
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
Miniature Snap-acting Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com