Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YF01132CWCNQ Datasheet(PDF) 4 Page - C&K Components

Part # YF01132CWCNQ
Description  4 Tumbler Miniature Switchlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

YF01132CWCNQ Datasheet(HTML) 4 Page - C&K Components

  YF01132CWCNQ Datasheet HTML 1Page - C&K Components YF01132CWCNQ Datasheet HTML 2Page - C&K Components YF01132CWCNQ Datasheet HTML 3Page - C&K Components YF01132CWCNQ Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
L–14
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
L
YF Series
4 Tumbler Miniature Switchlocks
CONTACT MATERIAL
AVAILABLE HARDWARE
KEY SHOWN IN
POSITION ONE
LOCK MUST BE IN PANEL
BEFORE ATTACHING
SWITCH BASE
SWITCH BASE
ALIGN TAB WITH SLOT
AND SNAP TOGETHER
4 TUMBLER LOCK
PANEL MOUNTING
.420
(10,67)
.472 DIA.
(11,99)
Panel thickness:
.300 (7,62) max.
MOUNTING STYLE
Key Code: 0029
PART NO. (ONE KEY)
960B10029
Material: Brass
Finish: Nickel plate
N
WITH NUT
Switch and Lock Assembly Instructions
NOTE: Switch installation is permanent. Switch cannot be removed from lock
after assembly. Attempts to separate switch and lock may damage switch.
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all
termination options).
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
All models
with all options when ordered with ‘Q’ contact material.
Nut part number: 179090123
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA).
LOW LEVEL/DRY CIRCUIT
B
SILVER
2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com