Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMS Datasheet(PDF) 2 Page - C&K Components

Part # ZMS
Description  Subminiature Snap-acting Switches (Dust Proof)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZMS Datasheet(HTML) 2 Page - C&K Components

  ZMS Datasheet HTML 1Page - C&K Components ZMS Datasheet HTML 2Page - C&K Components ZMS Datasheet HTML 3Page - C&K Components ZMS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J
J–42
Dimensions are shown: mm (inch)
Specifications and dimensions subject to change
www.ck-components.com
FP
2,5
.10
()
1,7
.067
()
ø2
.079
()
7,5
.295
()
4,13
.163
()
0,5
.020
()
OP
PT
4,13
.16
()
5,4
.213
()
14,7
.579
()
2,8
.110
()
8,1
.319
()
12,2
.480
()
NC
NO
COM
Third Angle
Projection
ZMS Series
Subminiature Snap-acting Switches
SERIES
Z M S
OPERATING FORCE
ELECTRICAL RATING
ZMSH
HIGH OVER TRAVEL
Switch option shown: ZMSH00P00SSC
14,7
.579
()
12,2
.480
()
FP
OP
9,05
.356
()
7,5
.295
()
2,5
.098
()
0,6 ±0,1
.024 ±.003
()
5,08
.200
()
5,08
.200
()
PT
Ø 2
.079
()
0,5 ±0,05
.020 ±.001
()
2,8
.110
()
5,4
.213
()
NC
NO
COM
Model
with option “S” (solder type) only.
Consult Customer Service center for availability and delivery of nonstandard ratings.
*Electrical rating 03A is not available with Operating Force rating of 080.
CONTACT MATERIAL
OPTION
CODE
MOVABLE CONTACT
STATIONARY CONTACT
ELECTRICAL RATING
00
0.1 AMP @ 30 V DC
Fine Silver
Fine silver
03*
Silver plated
Silver plated
3 AMPS @ 125 V AC
* Note: See Technical Data in section N of this catalog for RoHS compliant and compatible definition and specifications.
ZMSL
LOW OVER TRAVEL
Switch option shown: ZMSL00P00PSC
BASIC SWITCH
OPERATING FORCE
(OZ./GRAMS)
OPTION CODE
130
130
4.59



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com