Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT11A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BUT11A
Description  NPN Silicon Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BUT11A Datasheet(HTML) 1 Page - Micro Commercial Components

  BUT11A Datasheet HTML 1Page - Micro Commercial Components BUT11A Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BUT11A
NPN Silicon
Power Transistors
Features
•
High voltage, high speed NPN power transistors.
•
With TO-220 package
•
Intended for use in converters, inverters, switching regulators, motor
control systems.
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
450
V
VCBO
Collector-Base Voltage
1000
V
VEBO
Emitter to Base Voltage
9.0
V
ICP
Peak Collector Current
10
A
IC
Collector Current
5.0
A
PC
Collector power dissipation
100
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=100mAdc, IB=0)
450
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=1000Vdc,IE=0)
---
1.0
mAdc
IEBO
Emitter-Base Cutoff Current
(VEB=9.0Vdc, IC=0)
---
10
mAdc
ON CHARACTERISTICS
hFE-1
Forward Current Transfer ratio
(IC=5.0mAdc, VCE=5.0Vdc)
10
35
---
hFE-2
Forward Current Transfer ratio
(IC=500mAdc, VCE=5.0Vdc)
10
35
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=2.5Adc, IB=0.5Adc)
---
1.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=2.5Adc, IB=0.5Adc)
---
1.3
Vdc
TO-220
Revision: A
2011/01/01
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - BUT11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUT11A PHILIPS-BUT11A Datasheet
96Kb / 12P
Silicon diffused power transistors
1997 Aug 13
logo
STMicroelectronics
BUT11A STMICROELECTRONICS-BUT11A Datasheet
66Kb / 4P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-1997
logo
Fairchild Semiconductor
BUT11A FAIRCHILD-BUT11A Datasheet
42Kb / 4P
High Voltage Power Switching Applications
logo
STMicroelectronics
BUT11A STMICROELECTRONICS-BUT11A Datasheet
77Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2004
logo
Savantic, Inc.
BUT11A SAVANTIC-BUT11A Datasheet
100Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BUT11A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com