Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDSACLFS Datasheet(PDF) 1 Page - C&K Components

Part # EDSACLFS
Description  ED & EDM Dome Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

EDSACLFS Datasheet(HTML) 1 Page - C&K Components

  EDSACLFS Datasheet HTML 1Page - C&K Components EDSACLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.ck-components.com
B–75
Dimensions shown in: mm
Specifications and dimensions subject to change
B
ED & EDM Dome Series
Features
• Short travel
• Good tactile feedback
• Self cleaning
• 3 actuation forces
• RoHS
Typical Applications
• Aircraft
• Instrument
• Panels
• Radio equipment
Electrical
Silver
Gold
MAXIMUM POWER:
1.0 VA
0.2 VA
MAXIMUM VOLTAGE:
100 VDC
100 VDC
MINIMUM VOLTAGE:
20m VDC
20m VDC
MIN/MAX CURRENT:
1.0 mA - 100 mA
50µA - 50 mA
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE: Initial measurement:
≥ 1 GΩ
(between terminals)
After damp heat:
≥ 10 MΩ
BOUNCE TIME:
≤ 3 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-25˚C to 70˚C
-55˚C to 85˚C
Specification
ED: Disc element
EDM: Disc element and double dome
FUNCTION: Momentary action
CONTACT TYPE: Normally open - SPST
TERMINALS: Through hole PCB terminations or tabs
OPERATING LIFE: 1,000,000
Packaging
Trays 50 pieces.
Mechanical
Operating force
Tactile
Return
Type
Newtons (grams)
Feeling (
∆%)
Force N
Travel (mm)
EDSAC LFS
2.4 (240) ± 25%
≥ 25%
≥ 0.4 N
0.3mm ± 0.15
EDSSC LFS
2.4 (240) ± 25%
≥ 30%
≥ 0.4 N
0.3mm ± 0.15
EDM450SAC LFS 4.5 (450) ± 25%
≥ 25%
≥ 1.0 N
0.5mm ± 0.25
EDM650SSC LFS 6.5 (650) ± 25%
≥ 25%
≥ 1.6 N
0.6mm ± 0.25
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
SIMULTANEITY:
≤ 0.05 mm
Contact Material
S Silver
G Gold
Lead Free Compatible
LFS RoHS, Silver termination plating
LFG RoHS, Gold termination plating for tabs only
Terminals
AC with pc pins
SC with tabs
E
D
1
S
S
C
Disc
0 Not sealed
1 Sealed, IP 67
L
F
G
Operation Force
450 4.5 N (450 grams)
650 6.5 N (650 grams)
Lead Free Compatible
LFS RoHS, Silver termination plating *
LFG RoHS, Gold termination plating for tabs only
Contact Material
S Silver
G Gold
D
M
C
S
S
Terminals
AC with pc pins
SC with tabs
L
F
G
E
5
0
4
* If AC terminal option is selected please choose LFS suffix for part number


Similar Part No. - EDSACLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
EDSACLFS CK-COMPONENTS-EDSACLFS Datasheet
618Kb / 2P
ED & EDM Dome Series
More results

Similar Description - EDSACLFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EDSSC0 ITT-EDSSC0 Datasheet
40Kb / 2P
ED Domes and EDM Domes
logo
YUXIANG Magnetc materia...
ED28 YUXIANG-ED28 Datasheet
101Kb / 1P
ED CORES
logo
Glenair, Inc.
CB07A1L0 GLENAIR-CB07A1L0 Datasheet
298Kb / 3P
Qualifi ed Connectors
CB10A1L0 GLENAIR-CB10A1L0 Datasheet
647Kb / 10P
Qualifi ed Connectors
logo
C&K Components
EDSSC0LFS CK-COMPONENTS-EDSSC0LFS Datasheet
618Kb / 2P
ED & EDM Dome Series
logo
Raltron Electronics Cor...
RDT-14860 RALTRON-RDT-14860 Datasheet
532Kb / 5P
DOME ANTENNA
logo
Adels-Contact
115113 ADELS-115113 Datasheet
120Kb / 2P
900 ED FR
logo
C&K Components
EDEDM CK-COMPONENTS-EDEDM Datasheet
139Kb / 2P
ED & EDM Domes
logo
Highly Electric Co., Lt...
ED-1-1-20 HIGHLY-ED-1-1-20 Datasheet
2Mb / 8P
ED SERIES SAFETY LIMIT SWITCH
logo
Lapp.
21700538 LAPP-21700538 Datasheet
139Kb / 1P
ED-CAN-AX
17.09.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com