Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAP202 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DAP202
Description  100 mA Switching Diode 80 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DAP202 Datasheet(HTML) 1 Page - Micro Commercial Components

  DAP202 Datasheet HTML 1Page - Micro Commercial Components DAP202 Datasheet HTML 2Page - Micro Commercial Components DAP202 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DAP202
100 mA
Switching Diode
80 Volts
Features
•
High reliability
•
High speed (Trr=1.5ns Typ.)
Maximum Ratings
Symbol
Parameter
Rating
Unit
VRM
Peak Reverse Voltage
80
V
Io
Average Forward Current
100
mA
IFM
Peak Forward Current
300
mA
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VF
Forward Voltage
(IF=100mAdc)
---
---
1.2
Vdc
IR
Reverse Current
(VR=70Vdc)
---
---
0.1
uAdc
CD
Diode Capacitance
(VR=6V, f=1MHz)
---
---
3.5
pF
trr
Reverse Recovery Time
(VR=6V, IF=5mA)
---
---
4
ns
Marking: P
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
A
20
11/04/15
TM
Micro Commercial Components
1 of 3
PD
Power dissipation
200
mW
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
SOT-23
A
B
C
D
E
F
G
H
J
K
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
IFSM
Surge Current
4
A
RthJA
ThermalResistanceFromJunctiontoAmbient
625
oC/W


Similar Part No. - DAP202

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DAP202 LUGUANG-DAP202 Datasheet
229Kb / 2P
Dual Surface Mount Fast Switching Diode
logo
Jiangsu Changjiang Elec...
DAP202 JIANGSU-DAP202 Datasheet
2Mb / 4P
SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
DAP202 BILIN-DAP202 Datasheet
133Kb / 3P
Dual surface mount switching diode
Rev.A
logo
Jiangsu High diode Semi...
DAP202 HDSEMI-DAP202 Datasheet
2Mb / 4P
SOT-23 Plastic-Encapsulate Diodes
logo
Galaxy Semi-Conductor H...
DAP202 BILIN-DAP202 Datasheet
104Kb / 3P
Dual surface mount switching diode
More results

Similar Description - DAP202

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DAN202 MCC-DAN202 Datasheet
323Kb / 3P
100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U Datasheet
211Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222 Datasheet
173Kb / 2P
100 mA Switching Diode 80 Volts
DK400LP MCC-DK400LP Datasheet
374Kb / 3P
100 mA Switching Diode 80 Volts
1N4148WLP MCC-1N4148WLP_13 Datasheet
451Kb / 3P
100 mA Switching Diode 80 Volts
DAN202 MCC-DAN202_13 Datasheet
386Kb / 3P
100 mA Switching Diode 80 Volts
DAN202U MCC-DAN202U_13 Datasheet
266Kb / 3P
100 mA Switching Diode 80 Volts
DAN222 MCC-DAN222_13 Datasheet
229Kb / 2P
100 mA Switching Diode 80 Volts
DAN222M MCC-DAN222M Datasheet
318Kb / 2P
100 mA Switching Diode 80 Volts
DAP202 MCC-DAP202_13 Datasheet
405Kb / 3P
100 mA Switching Diode 80 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com