Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DB3
Description  SILICON BIDIRECTIONAL DIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DB3 Datasheet(HTML) 2 Page - Micro Commercial Components

  DB3 Datasheet HTML 1Page - Micro Commercial Components DB3 Datasheet HTML 2Page - Micro Commercial Components DB3 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: B
2011/06/20
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Typical Performance Characteristics
Diagram 1 : Test circuit
Figure 1. Admissible Power Dissipation Curve
Figure 2. Relative Variation of VBO versus
Junction Temperature
Figure 3. Repetitive Peak Pulse Current versus
Pulse Duration (maximum values)
VBO
: Break-Over Voltage
IBO
: Break-Over Current
V
: Dynamic Breakover Voltage
IB
: Leakage Current at VB=0.5*VBO
VF
: Voltage at Current IF=10mA
V
VBO
0.5VBO
VF
IF=10m
IBO
IB
Ambient Tempeatature (
oC)
0
40
80
120
160
0
102030
405060708090 100 110 120 130
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
25
50
75
100
125
Tj(°C)
0.1
1
10
100
1
10
100
tp ( s)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com