Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMMT3906 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DMMT3906
Description  PNP Small Signal Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DMMT3906 Datasheet(HTML) 2 Page - Micro Commercial Components

  DMMT3906 Datasheet HTML 1Page - Micro Commercial Components DMMT3906 Datasheet HTML 2Page - Micro Commercial Components DMMT3906 Datasheet HTML 3Page - Micro Commercial Components DMMT3906 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMALL SIGNAL CHARACTERISTICS
Cobo
Output Capacitance
(VCB=-5.0Vdc, f=1.0MHz, IE=0)
---
4.5
pF
fT
Current Gain-Bandwidth Product
(VCE=-20Vdc, IC=-10mAdc, f=100MHz)
250
---
MHz
SWITCHING CHARACTERISTICS
td
Delay Time
---
35
ns
tr
Rise Time
VCC=-3.0Vdc, IC=-10mAdc,
VBE(off)=0.5Vdc, I B1=-1.0mAdc
---
35........------------ns
ts
Storage Time
---
225
ns
tf
Fall Time
VCC=-3.0Vdc, IC=-10mAdc,
IB1=IB2=-1.0mAdc
---
75
ns
Revision: A
2011/01/01
Micro Commercial Components
MCC
TM
DMMT3906
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com