Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT365 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT365
Description  High Performance ActivePSR??Primary Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT365 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT365 Datasheet HTML 1Page - Active-Semi, Inc ACT365 Datasheet HTML 2Page - Active-Semi, Inc ACT365 Datasheet HTML 3Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ACT365
Product Brief, 15-Apr-11
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
®
Figure 3:
Universal VAC Input, 5V/2.1A Output Adapter
Table 2:
ACT365 Bill of Materials
ITEM
REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
C1, C2
Capacitor, Electrolytic, 10µF/400V, 10×16mm
2
KSC
2
C3
Capacitor, Ceramic,1000pF/500V,1206,SMD
1
POE
3
C4
Capacitor, Ceramic, 10µF/35V,1206,SMD
1
KSC
4
C5
Capacitor, Electrolytic, 1000µF/6.3V, 8
×16mm
1
KSC
5
C6
Capacitor, Electrolytic, 820µF/6.3V, 6.3 ×
16mm
1
KSC
6
C9
Capacitor, Ceramic,1000pF/50V,0805,SMD
1
POE
7
CY1
Safety Y1,Capacitor,1000pF/400V,Dip
1
UXT
8
BD1
Bridge Rectifier,D1010S,1000V/1.0A,SDIP
1
PANJIT
9
D5
Fast Recovery Rectifier, RS1M,1000V/1.0A,
RMA
1
PANJIT
10
D6
Fast Recovery Recti-
fier,RS1D,200V/1.0A,SMA
1
PANJIT
11
D8
Diode, Schottky, 40V/10A, PDS1040L, SMD
1
Diodes
12
L1
Choke Coil, 330uH, 0410, DIP
1
Amode Tech
13
L2
Axial Inductor, 680uH, ¢6x8mm, DIP
1
Amode Tech
14
Q1
Transistor, NPN, 700V,D13005,TO-126
1
Huawei
15
F1
Fuse:1A 250V 3.6*10mm With Pigtail, ce-
ramic tube
1
walter
16
R1
Chip Resistor, 22Ω, 0805, 5%
1
TY-OHM
17
R2
Chip Resistor, 300k,1206, 5%
1
TY-OHM
18
R3
Chip Resistor, 390Ω,1206, 5%
1
TY-OHM
19
R4
Chip Resistor, 15Ω, 0805, 5%
1
TY-OHM
20
R5
Chip Resistor, 66.5k,0805, 1%
1
TY-OHM
21
R6
Chip Resistor,15.2k,0805, 1%
1
TY-OHM
21
R7
Chip Resistor, 10MΩ, 1206, 5%
2
TY-OHM
22
R8
Chip Resistor, 2.2KΩ, 0805, 5%
2
TY-OHM
23
R9
Chip Resistor, 0.52Ω,1206, 1%
1
TY-OHM
24
R10
Chip Resistor, 330k,0805, 5%
1
TY-OHM
25
R11
Chip Resistor, 1.1k, 0805, 5%
1
TY-OHM
26
R13
Chip Resistor, 10Ω, 0805, 5%
1
TY-OHM
27
T1
Transformer, LP = 1.0mH±7%, EPC17
1
28
USB
Double-layer USB Rev:A
1
29
U1
IC, ACT365SH-T, SOP-8
1
Active-Semi



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com