Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4050 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT4050
Description  Wide Input 3.5A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4050 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT4050 Datasheet HTML 5Page - Active-Semi, Inc ACT4050 Datasheet HTML 6Page - Active-Semi, Inc ACT4050 Datasheet HTML 7Page - Active-Semi, Inc ACT4050 Datasheet HTML 8Page - Active-Semi, Inc ACT4050 Datasheet HTML 9Page - Active-Semi, Inc ACT4050 Datasheet HTML 10Page - Active-Semi, Inc ACT4050 Datasheet HTML 11Page - Active-Semi, Inc ACT4050 Datasheet HTML 12Page - Active-Semi, Inc ACT4050 Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Active-Semi
ACT4050
Rev 2, 01-Jul-11
- 11 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
Innovative Power
TM
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit of Figure 5, unless otherwise specified.)
Efficiency vs. Load Current
80
0
Load Current (mA)
VIN = 7V
VIN = 12V
Efficiency vs. Load Current
VIN = 7V
Temperature (°C)
Switching Frequency vs. Temperature
400
310
280
340
370
430
Temperature (°C)
Feedback Voltage vs. Temperature
0.75
0.76
250
70
60
50
100
80
70
60
50
VIN = 5V
Inductor Peak Current Limit vs. Duty
Cycle
2000
4000
5000
2500
3000
Duty Cycle (% )
20
0
40
80
100
60
6000
Shutdown Current vs. Input Voltage
0
15
20
5
10
25
Input Voltage (V)
4
90
100
500
1000
1500
3000
3500
90
0
Load Current (mA)
500
1000
1500
2000
2500
3000
6
8
10
12
14
3500
2500
2000
VOUT = 5V
VOUT = 3.3V
-40
0
40
130
80
-40
0
40
130
80
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
460
490
3500
4500
VIN = 12V
5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com