Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4070 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT4070
Description  Wide Input 3A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4070 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT4070 Datasheet HTML 3Page - Active-Semi, Inc ACT4070 Datasheet HTML 4Page - Active-Semi, Inc ACT4070 Datasheet HTML 5Page - Active-Semi, Inc ACT4070 Datasheet HTML 6Page - Active-Semi, Inc ACT4070 Datasheet HTML 7Page - Active-Semi, Inc ACT4070 Datasheet HTML 8Page - Active-Semi, Inc ACT4070 Datasheet HTML 9Page - Active-Semi, Inc ACT4070 Datasheet HTML 10Page - Active-Semi, Inc ACT4070 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
RM1202,Sunplus Building, No.1077 Zuchongzhi Road, Zhangjiang Hi-Tech Park, Shanghai 201203, China;
www.active-semi.com
·
·
·
·Tel: (86-21) 5108 2797 Fax: (86-21) 5080 5687
Active-Semi Shanghai Limited
Innovative Products. Active Solutions.
End of Life (ECL) Notice for ACT4070
Notice date: Sept 05, 2011
Active Semiconductor announces that the end-of-sale and end-of-life dates for the ACT4070:
30V/3A Step-down DC-DC converter. The last day to order the affected product is February 15,
2012. Customers will continue to receive technical support for this product from Active-semi even
if the data exceeds the end-of-sale date.
Table 1 describes the end-of-life milestones and the dates for the affected product.
Table 1. End-of-Life Milestones and Dates for the ACT4070
Milestone
Date
End-of-Life Announcement Date
September 5, 2011
Last Order Date
February 15, 2012
Last Ship Date
May 08, 2012
Affected Market
Global
The Alternative Chipsets
ACT4303, ACT4523
ACT4070A (Available in Q1
2012)
The alternative chipsets of ACT4070 are ACT4303 and ACT4523, which support many advanced
features. For full specification of ACT4303 and ACT4523, please contact with Active-semi sales
representative or Active-semi distributor sales representative.
If you are receiving this announcement but are not involved with product procurement at your
company, it is very important that you forward this to the appropriate person.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com