Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4088 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4088 Datasheet HTML 1Page - Active-Semi, Inc ACT4088 Datasheet HTML 2Page - Active-Semi, Inc ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2011 Active-Semi, Inc.
TYPICAL APPLICATION CIRCUIT
ACT4088
Rev 1, 14-Feb-11
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
FEATURES
• Wide 4.5V to 28V Input Voltage Range
• 1.5A Output Current (12V
IN to 5VOUT)
• Output Adjustable Down to 0.81V
• 0.3Ω Internal Power MOSFET
• Up to 92% Efficiency
• Stable with Low ESR Ceramic Output Capacitors
• Fixed 1.4MHz Operating Frequency
• Internal Soft-Start Function
• Over Current Protection with Hiccup-Mode
• Thermal Shutdown
• Available in a SOT23-6 Package
APPLICATIONS
• TFT LCD Monitors
• Portable DVDs, Headphones, MP3 Players, etc.
• Car-Powered or Battery-Powered Equipment
• Set-Top Boxes
• Telecom Power Supplies
• DSL and Cable Modems and Routers
GENERAL DESCRIPTION
The ACT4088 is a current-mode step-down DC/DC
converter that supplies up to 1.5A into 5V from a
12V input. 1.4MHz switching frequency allows the
use of tiny external components, and internal loop
compensation provides simple, stable power sup-
plies with a minimum of external components. Opti-
mized for use with ceramic input and output capaci-
tors, the ACT4088 provides a very compact 1.5A
power supply for space constrained mobile and
consumer applications.
The ACT4088 operates over a wide input voltage
range and utilizes current-mode operation to pro-
vide excellent line and load transient response
while requiring no external compensation compo-
nents. Fault protection includes cycle-by-cycle cur-
rent limiting, frequency fold-back, hiccup mode, and
thermal shutdown. Internal soft-start provides a
controlled startup with no overshoot, even at light
loads.
The ACT4088 is available in a tiny SOT23-6 pack-
age and requires very few external components.
ACT4088
IN
EN
BST
SW
FB
VOUT
G
VIN
4.5V to 28V
OFF
ON


Similar Part No. - ACT4088

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
1Mb / 11P
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev PrA, 24-Jul-07
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
482Kb / 11P
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 13-May-08
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
495Kb / 11P
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
494Kb / 12P
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
ACT4088US-T ACTIVE-SEMI-ACT4088US-T Datasheet
1Mb / 11P
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev PrA, 24-Jul-07
More results

Similar Description - ACT4088

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
logo
Active-Semi, Inc
ACT4088 ACTIVE-SEMI-ACT4088 Datasheet
1Mb / 11P
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev PrA, 24-Jul-07
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Active-Semi, Inc
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
ACT4088 ACTIVE-SEMI-ACT4088_08 Datasheet
482Kb / 11P
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 13-May-08
ACT4088 ACTIVE-SEMI-ACT4088_12 Datasheet
495Kb / 11P
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Active-Semi, Inc
ACT4088 ACTIVE-SEMI-ACT4088_14 Datasheet
494Kb / 12P
28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev 2, 15-Nov-12
logo
Global Mixed-mode Techn...
G5756 GMT-G5756 Datasheet
110Kb / 1P
1.5A, 1.4MHz Step-down DC/DC
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com