Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830QJ1CF-T Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT5830QJ1CF-T
Description  Twelve Channel PMU for Mobile Phones
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830QJ1CF-T Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT5830QJ1CF-T Datasheet HTML 17Page - Active-Semi, Inc ACT5830QJ1CF-T Datasheet HTML 18Page - Active-Semi, Inc ACT5830QJ1CF-T Datasheet HTML 19Page - Active-Semi, Inc ACT5830QJ1CF-T Datasheet HTML 20Page - Active-Semi, Inc ACT5830QJ1CF-T Datasheet HTML 21Page - Active-Semi, Inc ACT5830QJ1CF-T Datasheet HTML 22Page - Active-Semi, Inc ACT5830QJ1CF-T Datasheet HTML 23Page - Active-Semi, Inc ACT5830QJ1CF-T Datasheet HTML 24Page - Active-Semi, Inc ACT5830QJ1CF-T Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT5830
Rev 2, 20-Jan-11
Innovative Power
TM
- 21 -
www.active-semi.com
Copyright © 2010 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of NXP.
®
REGISTER DESCRIPTIONS CONT’D
Table 6:
LDO Control Register Bit Descriptions (Cont’d)
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
11h
OK6
[6]
R
LDO6 Power-OK
0
Output Out of Regulation
1
Output In Regulation
11h
DIS6
[7]
R/W
LDO6 Output Discharge Enable
0
Output High-Z In Shutdown
1
Output Discharge Enabled
0Eh
[4:0]
R
READ ONLY
0Eh
ON7
[5]
R/W
LDO7 Enable
0
LDO7 Disable
1
LDO7 Enable
0Eh
OK7
[6]
R
LDO7 Power-OK
0
Output Out of Regulation
1
Output In Regulation
0Eh
DIS7
[7]
R/W
LDO7 Output Discharge Enable
0
Output High-Z In Shutdown
1
Output Discharge Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com