Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3023 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3023
Description  BROADBAND MEDIUM POWER SPDT SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3023 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3023 Datasheet HTML 1Page - RF Micro Devices RF3023 Datasheet HTML 2Page - RF Micro Devices RF3023 Datasheet HTML 3Page - RF Micro Devices RF3023 Datasheet HTML 4Page - RF Micro Devices RF3023 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 of 5
DS101111
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF3023
Switch Control Settings
Evaluation Board Schematic
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage
7.0
V
Maximum Input Power
+36
dBm
Operating Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
MSL Rating
1
Control Signals
Signal Paths
V1
V2
RFC-RF1 RFC-RF2
Valid
States
0
1
ON
OFF
1
0
OFF
ON
Invalid
States
0
0
Indeterminate State*
1
1
Indeterminate State*
0: Logic level low, 0V~0.2V
1: Logic level high, 1.8V~5.0V
*In indeterminate states, both signal paths are in high
insertion loss states, ~10dB.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com