Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3025 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3025
Description  SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3025 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3025 Datasheet HTML 1Page - RF Micro Devices RF3025 Datasheet HTML 2Page - RF Micro Devices RF3025 Datasheet HTML 3Page - RF Micro Devices RF3025 Datasheet HTML 4Page - RF Micro Devices RF3025 Datasheet HTML 5Page - RF Micro Devices RF3025 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
RF3025
SPDT, HIGH ISOLATION, SINGLE CONTROL,
ABSORPTIVE SWITCH
The RF3025 is a high isolation single-pole double-throw (SPDT) absorptive
switch designed for general purpose switching applications requirinng
moderate insertion loss and power handling capability. It features single-
bit control with operation as low as 3V. This GaAs pHEMT switch is housed
in a compact 3mm, 16-pin, leadless QFN package.
10MHz to 6GHz Operation
0.5dB Insertion Loss at 1GHz
1.1dB Insertion Loss at 6GHz
Terminated Off State
58dB Isolation at 1GHz
39dBm Isolation at 6GHz
3V Minimum Voltage
50dBm IP3 at 5V
Applications
Cellular Handset Applications
Antenna Tuning Applications
IEEE802.11b/g WLAN
Applications
Cellular Infrastructure
Applications
DS091125
Package: QFN, 16-Pin, 3mmx3mm
RF3025SPDT,
High Isolation,
Single Control,
Absorptive
Switch
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Insertion Loss
0.45
dB
Freq=10MHz to 1.0GHz
0.5
0.8
dB
Freq=1.0GHz to 2.0GHz
0.55
dB
Freq=2.0GHz to 3.0GHz
0.8
dB
Freq=3.0GHz to 5.0GHz
1.1
dB
Freq=5.0GHz to 6.0GHz
Return Loss
18
dB
Freq=10MHz to 1.0GHz, Freq=1.0GHz to 3.0GHz
13
dB
Freq=3.0GHz to 6.0GHz
Return Loss into Off Port
14
dB
Freq=0.5GHz to 0.8GHz
16
dB
Freq=0.8GHz to 1.0GHz
17
dB
Freq=1.0GHz to 3.0GHz
12
dB
Freq=3.0GHz to 6.0GHz
Isolation
58
dB
Freq=0.5GHz to 1.0GHz
50
52
dB
Freq=1.0GHz to 2.0GHz
48
dB
Freq=2.0GHz to 3.0GHz
42
dB
Freq=3.0GHz to 5.0GHz
39
dB
Freq=5.0GHz to 6.0GHz
P0.1dB
30
dBm
Freq=1.8GHz
IP3
50
dBm
Freq=0.5GHz to 2.5GHz, 1MHz spacing,
10dBm/tone
IDD, Supply Current
200
300
uA
IC, Control Current
20
uA
TON, TOFF
35
nS
50% of VCTRL to 10/90% of RF
TRISE, TFALL
120
10/90% RF
Test Conditions: VDD=5V, 25°C, 50, with application circuit with 100pF DC blocking capacitors


Similar Part No. - RF3025

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF3025 REYCONNS-RF3025 Datasheet
245Kb / 5P
SAW Filter
More results

Similar Description - RF3025

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
RF Micro Devices
RF3021 RFMD-RF3021 Datasheet
947Kb / 6P
SPDT, HIGH ISOLATION, SINGLE BIT CONTROL, SWITCH
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
High Isolation, Absorptive SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
High Isolation Absorptive SPDT Switch
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
High Isolation Absorptive SPST Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
Absorptive High Isolation SPDT Switch
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com