Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1800 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFVC1800
Description  WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1800 Datasheet(HTML) 1 Page - RF Micro Devices

  RFVC1800 Datasheet HTML 1Page - RF Micro Devices RFVC1800 Datasheet HTML 2Page - RF Micro Devices RFVC1800 Datasheet HTML 3Page - RF Micro Devices RFVC1800 Datasheet HTML 4Page - RF Micro Devices RFVC1800 Datasheet HTML 5Page - RF Micro Devices RFVC1800 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
RFVC1800
WIDEBAND MMIC VCO WITH BUFFER
AMPLIFIER, 8GHz to 12GHz
RFMD’s RFVC1800 wideband Voltage Controlled Oscillator is a GaAs InGaP HBT
MMIC with integrated VCO core and RF output buffer. The part operates from a sin-
gle +5V supply for circuit bias and 0 to +13V Vtune for frequency control. The
RFVC1800 is in an RoHS Compliant, compact QFN 4mmx4mm package that offers
low phase noise and low power consumption
.
Wideband Performance
POUT +4dBm Typ.
External Resonator Not Required
Single Bias Supply: +5V at 55mA
Output Phase Noise: -93dBc/Hz
at 100kHz
Low Profile 4mmx4mm QFN
Package
RoHS Compliant
Applications
Military - Radar, Communica-
tions, ECM/IED
Satcomm - Communication
Modems
Test Instrumentation
Industrial/Medical Equipment
DS100527
Package: 4mmx4mmx1.1mm
RFVC1800
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency of Operation
8.0
12.0
GHz
Supply Voltage (VS)
4.75
5.00
5.25
V
Recommended operating range.
Supply Current
40
55
70
mA
Tuning Voltage (Vtune)
0
13
V
Tuning Sensitivity
565
MHz/V
Output Power
2
4
dBm
Output Phase Noise at 10kHz
-66
dBc/Hz
Output Phase Noise at 100kHz
-93
dBc/Hz
2nd Harmonic
-20
dBc
Frequency Pushing
90
MHz/V
Frequency Pulling (2:1 VSWR)
7
MHz pp
RF Output Return Loss
8
dB
Frequency Drift Rate
-0.7
MHz/°C
Vtune port input capacitance
4
pF
Thermal Resistance
75
°C/W
junction to paddle
Test Conditions: VS=5V, Freq=8GHz to 12GHz, T=25°C unless noted otherwise


Similar Part No. - RFVC1800

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC1800PCK-410 RFMD-RFVC1800PCK-410 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1800S2 RFMD-RFVC1800S2 Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1800SB RFMD-RFVC1800SB Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1800SQ RFMD-RFVC1800SQ Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1800SR RFMD-RFVC1800SR Datasheet
656Kb / 6P
Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
More results

Similar Description - RFVC1800

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC586LC4B HITTITE-HMC586LC4B_10 Datasheet
159Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
HMC733LC4B HITTITE-HMC733LC4B_11 Datasheet
362Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC6380LC4B AD-HMC6380LC4B Datasheet
439Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
ADF5709 AD-ADF5709 Datasheet
265Kb / 9P
9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
Dec-2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com