Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC1801 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFVC1801
Description  WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 5GHZ TO 10GHZ
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1801 Datasheet(HTML) 4 Page - RF Micro Devices

  RFVC1801 Datasheet HTML 1Page - RF Micro Devices RFVC1801 Datasheet HTML 2Page - RF Micro Devices RFVC1801 Datasheet HTML 3Page - RF Micro Devices RFVC1801 Datasheet HTML 4Page - RF Micro Devices RFVC1801 Datasheet HTML 5Page - RF Micro Devices RFVC1801 Datasheet HTML 6Page - RF Micro Devices RFVC1801 Datasheet HTML 7Page - RF Micro Devices RFVC1801 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RFVC1801
DS100615
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Evaluation Board Performance (VS=5.0V unless otherwise noted)
4
5
6
7
8
9
10
11
12
0
2
4
6
8
1012
14
1618
Frequency
(GHz)
VTUNE(V)
FrequencyversusVTUNE
T=-40C
T=25C
T=85C
-6
-4
-2
0
2
4
6
8
10
0
2
4
6
8
1012
14
1618
Output
Power
(dBm)
VTUNE(V)
OutputPower versus VTUNE
T=-40C
T=25C
T=85C
-100
-90
-80
-70
-60
-50
-40
567
89
10
Phase
Noise
(dBc/Hz)
Frequency (GHz)
PhaseNoiseat 10kHz Offset versus Frequency
T=-40C
T=25C
T=85C
-130
-120
-110
-100
-90
-80
-70
567
89
10
Phase
Noise
(dBc/Hz)
Frequency (GHz)
PhaseNoiseat 100kHz Offset versus Frequency
T=-40C
T=25C
T=85C
0
100
200
300
400
500
600
567
89
10
Mod
Sense
(MHz/V)
Frequency(GHz)
ModulationSensitivityversusFrequency
T=-40C
T=25C
T=85C
0
5
10
15
20
25
30
567
89
10
Pushing
(MHz/V)
Frequency (GHz)
PushingversusFrequency
T=-40C
T=25C
T=85C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com