Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8342 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT8342
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8342 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT8342 Datasheet HTML 6Page - Active-Semi, Inc ACT8342 Datasheet HTML 7Page - Active-Semi, Inc ACT8342 Datasheet HTML 8Page - Active-Semi, Inc ACT8342 Datasheet HTML 9Page - Active-Semi, Inc ACT8342 Datasheet HTML 10Page - Active-Semi, Inc ACT8342 Datasheet HTML 11Page - Active-Semi, Inc ACT8342 Datasheet HTML 12Page - Active-Semi, Inc ACT8342 Datasheet HTML 13Page - Active-Semi, Inc ACT8342 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ACT8342
Rev 3, 11-Sep-09
STEP-DOWN DC/DC CONVERTER
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
TYPICAL PERFORMANCE CHARACTERISTICS
(ACT8342QKCQI, VVP1 = 3.6V, L = 3.3µH, CVP1 = 2.2μF, COUT1 = 10μF, TA = 25°C, unless otherwise specified.)
REG1 Transient Peak Inductor Current
650
VP1 Voltage (V)
5.5
3.5
4.0
4.5
5.0
630
610
590
570
3.0
550
REG1 MOSFET Resistance
VP1 Voltage (V)
600
0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
500
400
300
200
100
REG1 Load Regulation
0.2
0
400
Output Current (mA)
50
100
150
200
250
300
350
0.0
-0.2
-0.4
-0.6
-0.8
PMOS
NMOS
3.6V
4.2V
-1.0
REG1 Efficiency vs. Load Current
50
1000
Output Current (mA)
95
80
70
60
1
10
100
VOUT1 = 1.2V
VIN = 4.2V
85
75
65
55
90
VIN = 3.6V
OUT1 Regulation Voltage
0.67
-0.67
Temperature (°C)
-20
-40
0
20
40
60
0.44
0.22
0.00
-0.22
-0.44
IOUT1 = 35mA
85
-0.11
-0.33
-0.56
0.11
0.33
0.56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com