Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8798 Datasheet(PDF) 29 Page - Active-Semi, Inc

Part # ACT8798
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8798 Datasheet(HTML) 29 Page - Active-Semi, Inc

Back Button ACT8798 Datasheet HTML 25Page - Active-Semi, Inc ACT8798 Datasheet HTML 26Page - Active-Semi, Inc ACT8798 Datasheet HTML 27Page - Active-Semi, Inc ACT8798 Datasheet HTML 28Page - Active-Semi, Inc ACT8798 Datasheet HTML 29Page - Active-Semi, Inc ACT8798 Datasheet HTML 30Page - Active-Semi, Inc ACT8798 Datasheet HTML 31Page - Active-Semi, Inc ACT8798 Datasheet HTML 32Page - Active-Semi, Inc ACT8798 Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LOW-DROPOUT LINEAR REGULATORS
ACT8798
Rev 1, 16-Nov-09
Innovative PowerTM
- 29 -
www.active-semi.com
Copyright © 2009 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of Philips Electronics.
Active-Semi
REGISTER DESCRIPTIONS CONT’D
Table 13:
REG56/VSETx[ ] Output Voltage Setting
REG56CFG/VSETx[2:0]
REG56CFG/VSETx[4:3]
00
01
10
11
000
1.4
2.15
2.55
3.0
001
1.5
2.20
2.60
3.1
010
1.6
2.25
2.65
3.2
011
1.7
2.30
2.70
3.3
100
1.8
2.35
2.75
3.4
101
1.9
2.40
2.80
3.5
110
2.0
2.45
2.85
3.6
111
2.1
2.50
2.90
3.7
ADDRESS
NAME
BIT
ACCESS
FUNCTION
DESCRIPTION
43h
DIS4
[2]
R/W
REG4 Discharge Enable
0
Discharge Disable
1
Discharge Enable
43h
DIS5
[3]
R/W
0
Discharge Disable
1
Discharge Enable
43h
DIS6
[4]
R/W
REG6 Discharge Enable
0
Discharge Disable
1
Discharge Enable
43h
OK4
[5]
R
REG4 Power-OK
0
Output is not OK
1
Output is OK
43h
OK5
[6]
R
REG5 Power-OK
0
Output is not OK
1
Output is OK
43h
OK6
[7]
R
REG6 Power-OK
0
Output is not OK
1
Output is OK
REG5 Discharge Enable
Table 12:
Control Register Bit Descriptions (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com