Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER3DB Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ER3DB
Description  3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ER3DB Datasheet(HTML) 1 Page - Micro Commercial Components

  ER3DB Datasheet HTML 1Page - Micro Commercial Components ER3DB Datasheet HTML 2Page - Micro Commercial Components ER3DB Datasheet HTML 3Page - Micro Commercial Components ER3DB Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ER3A
B
THRU
ER3
MB
3 Amp Super Fast
Recovery
Silicon Rectifier
50 to
1000 Volts
DO-214AA
(SMB) (LEAD FRAME)
Features
•
Easy Pick And Place
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
•
Super Fast Recovery Times For High Effieciency
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
ER3AB
ER3AB
50V
35V
50V
ER3BB
ER3BB
100V
70V
100V
ER3CB
ER3CB
150V
105V
150V
ER3DB
ER3DB
200V
140V
200V
ER3GB
ER3GB
400V
280V
400V
ER3JB
ER3JB
600V
420V
600V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TA =
75°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
ER3AB-3DB
ER3GB
VF
.95V
1.25V
IFM = 3.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
200
µA
TJ = 25
°C
TJ = 100
°C
Maximum Reverse
Recovery Time
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
45pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
ER3JB~3MB
1.70V
MCC
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
•
Typical
Thermal Resistance; 16
°C/W Junction To Lead
ER3KB
ER3KB
8
00V
56
0V
8
00V
ER3MB
ER3MB
10
00V
700
V
100
0V
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
ER3AB~ER3JB
ER3KB~ER3MB
Trr
35ns
75ns
0.070”
0.090"
0.085”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
G
A
B
D
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.075
.095
1.91
2.41
B
.077
.083
1.96
2.10
C.002
.008
.05
.20
D
-----
.02
-----
.51
E
.030
.060
.76
1.52
G
.200
.220
5.08
5.59
H
.160
.187
4.06
4.75
J
.130
.155
3.30
3.94
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating


Similar Part No. - ER3DB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER3DB MCC-ER3DB Datasheet
362Kb / 3P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
logo
Galaxy Semi-Conductor H...
ER3DB BILIN-ER3DB Datasheet
167Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
ER3DB LUGUANG-ER3DB Datasheet
214Kb / 2P
Surface Mount Rectifiers
logo
Micro Commercial Compon...
ER3DB MCC-ER3DB Datasheet
284Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3DB MCC-ER3DB Datasheet
284Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - ER3DB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR3AB MCC-FR3AB Datasheet
86Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3A MCC-ER3A_11 Datasheet
299Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_11 Datasheet
251Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3A MCC-FR3A_13 Datasheet
775Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3JB-TP MCC-ER3JB-TP Datasheet
284Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3GB-TP MCC-ER3GB-TP Datasheet
284Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_17 Datasheet
217Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3A MCC-ER3A_14 Datasheet
317Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER3AB MCC-ER3AB_16 Datasheet
196Kb / 4P
3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR3A LEIDITECH-FR3A Datasheet
816Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com