Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR207GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FR207GP
Description  2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FR207GP Datasheet(HTML) 1 Page - Micro Commercial Components

  FR207GP Datasheet HTML 1Page - Micro Commercial Components FR207GP Datasheet HTML 2Page - Micro Commercial Components FR207GP Datasheet HTML 3Page - Micro Commercial Components FR207GP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FR201GP
THRU
FR207GP
2 Amp Glass
Passivated Fast
Recovery Rectifier
50 to 1000 Volts
Features
High Current Capability
Fast Switching Speed For High Efficiency
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FR201GP
FR201GP
50V
35V
50V
FR202GP
100V
70V
100V
FR203GP
200V
140V
200V
FR204GP
400V
280V
400V
FR205GP
600V
420V
600V
FR206GP
800V
560V
800V
FR207GP
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 2.0A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
100
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
FR201GP-204GP
FR205GP
FR206GP-207GP
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
40pF
Measured at
1.0MHz, VR=4.0V
DO-15
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
FR202GP
FR203GP
FR204GP
FR205GP
FR206GP
FR207GP
www.mccsemi.com
1 of 4
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - FR207GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR207GP MCC-FR207GP Datasheet
80Kb / 3P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
FR207GP CHENYI-FR207GP Datasheet
50Kb / 3P
2Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 volts
logo
Chenmko Enterprise Co. ...
FR207GPT CHENMKO-FR207GPT Datasheet
84Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - FR207GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR151GP MCC-FR151GP Datasheet
83Kb / 3P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP Datasheet
80Kb / 3P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_11 Datasheet
757Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G Datasheet
489Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR201GP MCC-FR201GP_13 Datasheet
471Kb / 4P
2 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801G MCC-FRA801G_13 Datasheet
558Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR151GP MCC-FR151GP_13 Datasheet
780Kb / 4P
1.5 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FR501GP MCC-FR501GP Datasheet
496Kb / 4P
5 Amp Glass Recovery Rectifier 50 to 1000 Volts Passivated Fast
FR601GP MCC-FR601GP_15 Datasheet
683Kb / 4P
6 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
FRA801GF MCC-FRA801GF Datasheet
416Kb / 3P
8 Amp Glass Passivated Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com