Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FS2B
Description  2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FS2B Datasheet(HTML) 1 Page - Micro Commercial Components

  FS2B Datasheet HTML 1Page - Micro Commercial Components FS2B Datasheet HTML 2Page - Micro Commercial Components FS2B Datasheet HTML 3Page - Micro Commercial Components FS2B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum Ratings
l
Operating Temperature: -50
oC to +150oC
l
Storage Temperature: -50
oC to +150oC
FS2A
FS2A
50V
35V
50V
FS2B
FS2B
100V
70V
100V
FS2D
FS2D
200V
140V
200V
FS2G
FS2G
400V
280V
400V
FS2J
FS2J
600V
420V
600V
FS2K
FS2K
800V
560V
800V
FS2M
FS2M
1000V
700V
1000V
Maximum
DC Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TJ=90
oC
Peak Forward
Surge Current
IFSM
50A
8.3ms half sine
Maximum
Instantaneous
Forward Voltage
VF
1.30V
IFM=2.0A
TA=25
oC*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
TJ=25
oC
Maximum Reverse
Recovery Times
FS2A-2G
FS2J
FS2K-2M
trr
150ns
250ns
500ns
IF=0.5A,
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
C j
50pF
Measured at
1.0MHz,
VR=4.0V
*Pulse test: Pulse width 300 usec, duty cycle 2%.
FS2A
THRU
FS2M
2.0 Amp Fast
Recovery Rectifier
50 to 1000 Volts
DO-214AC
(HSMA) (High Profile)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.096
1.65
2.45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Superfast Recovery Times For High Efficiency
Features
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - FS2B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FS2B JGD-FS2B Datasheet
175Kb / 3P
1.5 AMPS. FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
FS2B MCC-FS2B Datasheet
633Kb / 3P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
FS2B WINNERJOIN-FS2B Datasheet
228Kb / 2P
Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
FS2B YENYO-FS2B Datasheet
751Kb / 2P
Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Semiconducto...
FS2B CHENDA-FS2B Datasheet
1Mb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FS2B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2A MCC-FS2A Datasheet
633Kb / 3P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A-L MCC-FR2A-L Datasheet
392Kb / 4P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2A-L MCC-FS2A-L Datasheet
104Kb / 4P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A-L MCC-FR2A-L_13 Datasheet
425Kb / 4P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR2A-L_1308 MCC-FR2A-L_1308 Datasheet
434Kb / 4P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2A-L MCC-FS2A-L_13 Datasheet
126Kb / 4P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
FS2A_1111 MCC-FS2A_1111 Datasheet
421Kb / 4P
2.0 Amp Fast Recovery Rectifierb 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FS2A LEIDITECH-FS2A Datasheet
1Mb / 3P
2.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com