Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1K Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FS1K
Description  1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FS1K Datasheet(HTML) 1 Page - Micro Commercial Components

  FS1K Datasheet HTML 1Page - Micro Commercial Components FS1K Datasheet HTML 2Page - Micro Commercial Components FS1K Datasheet HTML 3Page - Micro Commercial Components FS1K Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FS1A
THRU
FS1M
1 Amp Fast Recovery
Silicon Rectifier
50 to 1000 Volts
Features
•
Easy Pick And Place
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
•
Superfast Recovery Times For High Efficiency
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
FS1A
FS1A
50V
35V
50V
FS1B
FS1B
100V
70V
100V
FS1D
FS1D
200V
140V
200V
FS1G
FS1G
400V
280V
400V
FS1J
FS1J
600V
420V
600V
FS1K
FS1K
800V
560V
800V
FS1M
FS1M
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
current
IF(AV)
1.0A
Ta = 90
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.30V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
200
µA
TJ = 25
°C
TJ = 125
°C
Maximum Reverse
Recovery Time
FS1A-G
FS1J
FS1K-M
Trr
150ns
250ns
500ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
50pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
DO-214AC
(HSMA)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.096
1.65
2.45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
•
Maximum Thermal Resistance; 15
°C/W Junction To Lead
•
Maximum Thermal Resistance; 88
°C/W Junction To Ambient
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - FS1K

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FS1K JGD-FS1K Datasheet
254Kb / 4P
1.0 AMPS. FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
FS1K MCC-FS1K Datasheet
621Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
FS1K CTC-FS1K Datasheet
173Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
FS1K PFS-FS1K Datasheet
516Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS1K MCC-FS1K Datasheet
274Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FS1K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR1A MCC-FR1A Datasheet
622Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1A MCC-FS1A Datasheet
621Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
FS1A PFS-FS1A Datasheet
516Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR1A MCC-FR1A_11 Datasheet
249Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1AE MCC-FS1AE Datasheet
249Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1A-L MCC-FS1A-L Datasheet
191Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FS1AE MCC-FS1AE_13 Datasheet
276Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR1A MCC-FR1A_13 Datasheet
208Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR1A-L MCC-FR1A-L Datasheet
269Kb / 4P
Silicon Rectifier 50 to 1000 Volts 1 Amp Fast Recovery
FS1A-L_1308 MCC-FS1A-L_1308 Datasheet
233Kb / 4P
Silicon Rectifier 50 to 1000 Volts 1 Amp Fast Recovery
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com