Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM14X82 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM14X82
Description  Color STN-LCD Module(Desktop PC/Monitor)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM14X82 Datasheet(HTML) 1 Page - Sharp Corporation

  LM14X82 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
New Product
Color STN-LCD Module
LM14X82
(Desktop PC/Monitor)
Features
s 35 cm [13.8"] XGA format
s High brightness (200 cd/m2)
s HC, SA* technology
s Wide viewing angle (Horizontal: 40
° Vertical: 60°)
s High contrast (35:1)
s Built-in CCFT inverter
*High Contrast Sharp Addressing
Specifications
Parameter
Unit
Parameter
Unit
Display size
35 [13.8]
cm [ "]
Backlight type
4CCFT(E)*2
-
Dot format (H x V)
1024 x RGB x 768
dot
Duty ratio
1/384
-
Dot pitch (H x V)
0.091 x 0.273
mm
Logic voltage
5.0 Vcon
V
Active area (H x V)
279.5 x 209.6
mm
Power consumption
16 150
mW
Panel type
*1
-
Outline dimensions (W x H x D) 330.0 x 242.0 x 16.0
mm
Panel mode
Transmissive
-
Weight
1 400
g
Contrast ratio
35 : 1
-
Operating temperature
0 to +40
°C
Response time
300
ms
Storage temperature
-25 to +60
°C
Brightness
200
cd/m2
*1...Triple super twisted nematic
*2...25,000H CCFT Lifetime, Inverter built-in
Outline Dimensions
unit : mm
20.2
2.2
4
5
4 MIN
1
R
B
BG
R
G
0.025
0.066
3
6.5
16 MAX
DATUM LINE
284.2 (BEZEL OPENING AREA)
322
330
ACTIVE AREA
279.527X209.639
4 MIN
(317.3)
1
39
2
40
DIRECTION
INSERT
0.091PITCH
INSERT
DIRECTION


Similar Part No. - LM14X82

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
28Kb / 7P
VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM140 SEMTECH_ELEC-LM140 Datasheet
418Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - LM14X82

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM133SS1T60 SHARP-LM133SS1T60 Datasheet
18Kb / 1P
Color STN-LCD Module(Notebook PC)
LM15X80 SHARP-LM15X80 Datasheet
26Kb / 1P
Color STN-LCD Module(Desktop PC/Monitor)
LM7M632 SHARP-LM7M632 Datasheet
14Kb / 1P
Color STN-LCD Module(Handheld PC)
LM7M633 SHARP-LM7M633 Datasheet
109Kb / 1P
Color STN-LCD Module(Handheld PC)
LM8V30 SHARP-LM8V30 Datasheet
21Kb / 1P
Color STN-LCD Module(Handheld PC)
LM8V302 SHARP-LM8V302 Datasheet
116Kb / 1P
Color STN-LCD Module(Handheld PC)
LM8V31 SHARP-LM8V31 Datasheet
119Kb / 1P
Color STN-LCD Module(Handheld PC)
LQ150X1DG11 SHARP-LQ150X1DG11 Datasheet
16Kb / 1P
Color TFT-LCD Module[High brightness type](Desktop PC/Monitor)
LQ150X1DG55 SHARP-LQ150X1DG55 Datasheet
115Kb / 1P
Color TFT-LCD Module(Desktop PC /Monitor)
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
Color TFT-LCD Module(Desktop PC/Monitor)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com