Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G34 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC2G34
Description  Dual buffer gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G34 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC2G34 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 14Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 15Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 16Page - NXP Semiconductors 74LVC2G34 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
74LVC2G34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 5 — 2 September 2010
13 of 17
NXP Semiconductors
74LVC2G34
Dual buffer gate
Fig 14. Package outline SOT1202 (XSON6)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1202
sot1202_po
10-04-02
10-04-06
Unit
mm
max
nom
min
0.35
0.04
1.05
1.00
0.95
1.05
1.00
0.95
0.55
0.35
0.40
0.35
0.32
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON6: extremely thin small outline package; no leads;
6 terminals; body 1.0 x 1.0 x 0.35 mm
SOT1202
A1
b
0.20
0.15
0.12
DE
e
e1
L
0.35
0.30
0.27
L1
0
0.5
1 mm
scale
terminal 1
index area
D
E
(4
×)(2)
e1
e1
e
L
b
123
L1
6
5
4
(6
×)(2)
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com