Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS500-12 Datasheet(PDF) 1 Page - TDK Electronics

Part # CSS500-12
Description  500W AC-DC Medical or Industrial Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CSS500-12 Datasheet(HTML) 1 Page - TDK Electronics

  CSS500-12 Datasheet HTML 1Page - TDK Electronics CSS500-12 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS500 Series
3055 Del Sol Blvd • San Diego, CA 92154 • 1-800-526-2324
29
High Efficiency
Uses less energy
Current Share and ORing FET
Use in redundant applications
Dual input fuses
Easier system compliance
Feature
Benefit
Medical
Test and Measurement
360W Convection rating
High Efficiency
IEC60601-1 or IEC60950-1 certifications
ORing FET & Current Share
Key Market Segments & Applications
Features and Benefits
500W AC-DC Medical or Industrial Power Supplies
CSS500
ITEMS
Input Voltage range
-
90 - 264VAC (47 - 63Hz)
Inrush Current
A
<50A maximum at 230VAC input, 25°C ambient cold start
Input Current (115/230VAC)
A
6 / 3A
Power Factor Correction
-
Meets EN61000-3-2, >0.9
Leakage Current
µA
<300µA 264VAC 63Hz
Hold Up Time (Typ)
ms
20ms at 115VAC input, 360W loading
Temperature Coefficient
-
±0.04%/°C
Voltage Accuracy
%
±1% at 60% load
Adjustment Range
%
None
Total Regulation
-
±5%
Ripple & Noise
%
1% peak to peak (5Vsb also)
Overcurrent Protection
-
110 - 150%
Overvoltage Protection
V
110 - 130% of nominal (Cycle input power or use remote on/off to reset)
Overtemperature Protection
-
Yes (Cycle input power or use remote on/off to reset)
Remote On/Off
-
Unit on: Floating or high 3.5 - 5.25V, Unit off: Low or <0 - 0.5V
Efficiency
%
87% to 92%, model & input dependant
Standby Voltage
-
5V 1A (5V 0.25A when convection cooled or when inhibit is activated)
Fan Output
-
12V 1A
Current Share
-
Single wire, up to 4 units can be shared within 10% accuracy at full load
DC Good & Fan Fail Signals
-
Both Low on Fail
ORing FET
-
Yes, for redundant operation
Operating Temperature
°C
Convection (U channel): 0 to +70°C, derate linearly to 35% load from 40 to 70°C
Forced air (or internal fan): 0 to +70°C, derate linearly to 50% load from 50 to 70°C
Storage Temperature
°C
-10 to +85°C
Humidity (non condensing)
%
10 - 95% RH
Cooling
-
Convection or forced air (30CFM or 3.1m/s). Internal fan is temperature controlled
Withstand Voltage
(1)
-
Input to Ground 1.5kVAC, Input to Output 4kVAC(1), Output to Ground 500VAC for 1 min.
Isolation Resistance
-
>20M at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
19.6m/s2 (10~55Hz:2G Constant, X,Y,Z 60min each.)
Shock
-
< 196.1 m/s2 (20G)
Safety Agency Approvals
-
Medical Version: UL60601-1, IEC60601-1, Industrial Version: UL60950-1, EN60601-1, CE Mark
Conducted & Radiated EMI
-
Medical Version: EN55011-B, FCC Class B, Industrial: EN55022, FCC Class B
Immunity
-
Medical Version: EN60601-1-2, Industrial: EN55024
MTBF
-
>68,695 (MIL-217F-HDBK)
Weight (Typ)
g
340g (U channel)
Size (WxLxH)
in
U Channel: 8 x 4.7 x 1.51", End Fan (/S) 9 x 4.7 x 1.63", Top Fan (/T) 8 x 4.7 x 2.85"
Warranty
yr
Two Years
Specifications
Note (1) Industrial version (I suffix): 3kVAC


Similar Part No. - CSS500-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSS522 ETC2-CSS522 Datasheet
129Kb / 1P
SMA STRAIGHT PLUG FOR ECS CABLE 432101 AND 532101
logo
Chip Integration Techno...
CSS545B-A CITC-CSS545B-A Datasheet
458Kb / 3P
Super Low Barrier High Voltage Power Rectifier
logo
List of Unclassifed Man...
CSS555C ETC-CSS555C Datasheet
189Kb / 13P
Micropower Timer (with Internal Timing Capacitor)
Version 1.1, May 2009
CSS555C-ID ETC-CSS555C-ID Datasheet
189Kb / 13P
Micropower Timer (with Internal Timing Capacitor)
Version 1.1, May 2009
CSS555C-IS ETC-CSS555C-IS Datasheet
189Kb / 13P
Micropower Timer (with Internal Timing Capacitor)
Version 1.1, May 2009
More results

Similar Description - CSS500-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA500R MPD-MPA500R Datasheet
381Kb / 2P
Industrial 500W Single Output Power Factor Corrected AC/DC Power Supplies
logo
Tumbler Technologies + ...
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
logo
Wall Industries,Inc.
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
Medical AC/DC Switching Power Supplies
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
Medical AC/DC Switching Power Supplies
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
Medical AC/DC Switching Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
Medical AC/DC Power Supplies
PSPRL1103M WALL-PSPRL1103M Datasheet
568Kb / 7P
Medical AC/DC Switching Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
Medical AC/DC Power Supplies
logo
Tumbler Technologies + ...
TWM500 TRUMPOWER-TWM500 Datasheet
415Kb / 4P
500W Medical Grade AC/DC Power Supplies
logo
COSEL CO., LTD.
LMA COSEL-LMA Datasheet
1Mb / 10P
AC-DC Power Supplies Medical Type
June 29, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com