Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS500-24 Datasheet(PDF) 2 Page - TDK Electronics

Part # CSS500-24
Description  500W AC-DC Medical or Industrial Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CSS500-24 Datasheet(HTML) 2 Page - TDK Electronics

  CSS500-24 Datasheet HTML 1Page - TDK Electronics CSS500-24 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CSS500 Series
3055 Del Sol Blvd • San Diego, CA 92154 • 1-800-526-2324
30
Model Selector
CSS500-12
12V
30A
360W
41.67A
500W
CSS500-24
24V
15A
360W
20.84A
500W
CSS500-30
30V
12A
360W
16.67A
500W
CSS500-36
36V
10A
360W
13.89A
500W
CSS500-48
48V
7.5A
360W
10.42A
500W
CSS500-54
54V
6.67A
360W
9.26A
500W
CSS500-57
57V
6.32A
360W
8.78A
500W
Output
Maximum
Maximum
Maximum
Maximum
Model
Voltage (V)
Curr. Conv. (A)
Power Conv. (W)
Curr. Forced Air
Pwr Forced Air
Blank
Yes
-
-
Yes
-
/S
-
Yes
-
Yes
-
/T
-
-
Yes
Yes
-
I
Yes
-
-
-
Yes
/SI
-
Yes
-
-
Yes
/TI
-
-
Yes
-
Yes
Mechanical
Safety Certifications
Suffix
U channel
End Fan
Top Fan
Medical
Industrial
Revision A3: Apr 2011
For Additional Information, please visit
us.tdk-lambda.com/lp/products/css-series.htm
KM
15 - 40W pcb mount medical
CSS65, 150
40 - 150W open frame
NV175
175 - 200W 1-4 outputs
NV300
300W 1-4 outputs
Other Medical AC-DC Products
Recommended direction
for force airflow
Outline Drawings
Options



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com