Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLSD101A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # LLSD101A
Description  Schottky Barrier Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLSD101A Datasheet(HTML) 2 Page - Micro Commercial Components

  LLSD101A Datasheet HTML 1Page - Micro Commercial Components LLSD101A Datasheet HTML 2Page - Micro Commercial Components LLSD101A Datasheet HTML 3Page - Micro Commercial Components LLSD101A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
l Guard Ring Construction for Transient Protection
l Low Reverse Capacitance
l Low Forward Voltage Drop and Low Reverse Recovery Time
l Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
Mechanical Data
l Case: MiniMELF, Glass
l Terminals: Solderable per MIL -STD-202, Method 208
l Polarity: Indicated by Cathode Band
l Weight: 0.05 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol LLSD101A LLSD101B LLSD101C
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
60V
50V
40V
RMS Reverse Voltage
VR(RMS)
42V
35V
28V
Forward Continuous Current(Note 2)
IFM
15mA
Non-Repetitive Peak @ t<=1.0s
Forward Surge Current @ t=10us
IFSM
50mA
2.0A
Power Dissipation(Note 2)
Pd
400mW
Thermal Resistance(Note 2)
R
375K/W
Operation & Storage Temp. Range
Tj, TSTG
-55 to 150
oC
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Min
Max
Unit
Test Cond.
Peak
LLSD101A
VR=50V
Reverse
LLSD101B
IRM
-----
200
nA VR =40V
Current
LLSD101C
VR =30V
LLSD101A
0.41
I F=1.0mA
LLSD101B
0.40
I F=1.0mA
Forward
LLSD101C
VFM
-----
0.39
V
I F=1.0mA
Volt. Drop LLSD101A
1.00
I F=15mA
LLSD101B
0.95
I F=15mA
LLSD101C
0.90
I F=15mA
Junction
LLSD101A
2.0
Capacitance LLSD101B
Cj
-----
2.1
pF VR =0V, f=1.0MHz
LLSD101C
2.2
Reverse Recovery Time
trr
-----
1.0
ns
I F=IR =5mA,
recover to 0.1 I R
2.Valid provided that electrodes are kept at ambient temperature
LLSD101A
THRU
LLSD101C
Schottky Barrier
Switching Diode
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
MINIMELF
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 5
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.
Compliant. See ordering information)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com