Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLSD103C Datasheet(PDF) 2 Page - Micro Commercial Components

Part # LLSD103C
Description  Schottky Barrier Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

LLSD103C Datasheet(HTML) 2 Page - Micro Commercial Components

  LLSD103C Datasheet HTML 1Page - Micro Commercial Components LLSD103C Datasheet HTML 2Page - Micro Commercial Components LLSD103C Datasheet HTML 3Page - Micro Commercial Components LLSD103C Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
l
Low Reverse Recovery Time
l
Low Forward Voltage Drop and Low Reverse Capacitance
l Guard Ring Construction for Transient Protection
Mechanical Data
l
Case: MiniMELF, Glass
l
Terminals: Solderable per MIL-STD-202, Method 208
l
Polarity: Indicated by Cathode Band
l
Weight: 0.05 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol LLSD103A LLSD103B LLSD103C
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
40V
30V
20V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
28V
21V
14V
Forward Continuous Current(Note2)
IFM
Maximum Single cycle surge 60Hz
sine wave
IFSM
Power Dissipation(Note 2)
Pd
Thermal Resistance(Note 2)
R
Operation/Storage Temp. Range
Tj, TSTG
-55 to 150
oC
15A
350mA
400mW
250K/W
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol Min
Typ Max
Test Cond.
Peak
LLSD103A
VR=30V
Reverse LLSD103B
IRM
----- ----- 5.0uA VR=20V
Current
LLSD103C
VR=10V
Maximum Forward
VFM
----- ----- 0.37V IF=20mA
Voltage Drop
0.60V
IF=200mA
Junction Capacitance
Cj
-----
50
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-----
10
ns
IF=IR=50mA to 200mA,
recover to 0.1 IR
LLSD103A
THRU
LLSD103C
Schottky Barrier
Switching Diode
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 5
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Note:1.Lead in Glass Exemption Applied, see EU Directive Annex 5.
Compliant. See ordering information)
l
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
2.Valid provided that electrodes are kept at ambient temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com