Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0540L Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR0540L
Description  0.5 Amp Schottky Rectifier 20 to 40 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR0540L Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR0540L Datasheet HTML 1Page - Micro Commercial Components MBR0540L Datasheet HTML 2Page - Micro Commercial Components MBR0540L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR0520L thru MBR0540L
MCC
www.mccsemi.com
TM
Micro Commercial Components
2000
200
20
2
0
5
10
15
20
25
30
35
40
VR, REVERSE VOLTAGE (VOLTS)
TJ = 125°C
°C
8
Figure 1. Typical Reverse Current of MBR0520L
1000
TJ = 125°C
100
10
1
85
°C
25
°C
0
5
10
15
20
25
30
35
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current of MBR0530L
85
°C
25
°C
1000
100
10
1
0
5
10
15
20
25
30
35
40
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Reverse Current of MBR0540L
TJ = 125°C
85
°C
25
°C
Revision: A
2011/01/01
2 of 3
20000
10000
10000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com