Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR545 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR545
Description  5 Amp Schottky Barrier Rectifier 45 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR545 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR545 Datasheet HTML 1Page - Micro Commercial Components MBR545 Datasheet HTML 2Page - Micro Commercial Components MBR545 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR545
5 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5A
TC = 95
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
.60V
IFM = 5 A mper
TJ =
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
(Note 2)


INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
•
Metal of silicon rectifier, majority carrier conduction
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
TO-220AC
45 Volts
15mA
0.1mA
TJ = 25
°C
25
°C
Typical Junction
Capacitance
CJ
350pF
Measured at
1.0MHz, VR=4.0V
TJ =100
°C
A
B
C
K
J
I
G
F
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
6
200
8/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
F
---
.250
---
6.35
G
.500
.580
12.70
14.73
H
.190
.210
4.83
5.33
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
MBR545
MBR545
45V
31.5V
45V
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
2.
Pulse test: Pulse width 300
µsec, Duty cycle 2%
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - MBR545

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR545 MCC-MBR545 Datasheet
111Kb / 2P
5 Amp Schottky Barrier Rectifier 45 Volts
logo
Pan Jit International I...
MBR545 PANJIT-MBR545 Datasheet
94Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Unisonic Technologies
MBR545 UTC-MBR545 Datasheet
140Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
MBR545CT KEC-MBR545CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
DONGGUAN YOU FENG WEI E...
MBR545DS YFWDIODE-MBR545DS Datasheet
477Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - MBR545

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR545 MCC-MBR545 Datasheet
111Kb / 2P
5 Amp Schottky Barrier Rectifier 45 Volts
SBL4045CT MCC-SBL4045CT Datasheet
460Kb / 3P
40 Amp Schottky Barrier Rectifier 45 Volts
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
MBR545F MCC-MBR545F Datasheet
92Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
MBR545F MCC-MBR545F_08 Datasheet
138Kb / 3P
5 Amp Schottky Barrier Rectifier 45 Volts
logo
Kersemi Electronic Co.,...
MBR6045WT KERSEMI-MBR6045WT Datasheet
1Mb / 2P
60 Amp Schottky Barrier Rectifier 45 Volts
logo
Micro Commercial Compon...
MBR15U45 MCC-MBR15U45 Datasheet
259Kb / 3P
15 Amp Schottky Barrier Rectifier 45 Volts
MBR1545PS MCC-MBR1545PS Datasheet
184Kb / 2P
15 Amp Schottky Barrier Rectifier 45 Volts
MBRBL2045C MCC-MBRBL2045C Datasheet
405Kb / 3P
20 Amp Schottky Barrier Rectifier 45 Volts
MBRBL3045CT MCC-MBRBL3045CT Datasheet
352Kb / 3P
30 Amp Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com