Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR545F Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBR545F
Description  5 Amp Schottky Barrier Rectifier 45 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR545F Datasheet(HTML) 2 Page - Micro Commercial Components

  MBR545F_08 Datasheet HTML 1Page - Micro Commercial Components MBR545F_08 Datasheet HTML 2Page - Micro Commercial Components MBR545F_08 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
Figure 1. Typical Forward Voltage Characteristics
Figure 3. Typical Junction Capacitance
Figure 5. Forward Current Derating Curve
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Thermal Impedance Characteristics
Figure 6. Non-Repetitive Surge Current
0.01
0.1
1
10
0.0
0.5
1.0
1.5
TJ=125
o
C
TJ=75
o
C
TJ=25
oC
Forward Voltage Drop, VF[V]
0
10203040
80
90
100
200
300
400
500
600
700
T
J=25
o
C
Reverse Voltage, V
R[V]
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
SQUARE WAVE
Duty Cycle = 0.5
Case Temperature, T
C[
o
C]
0
10203040
1E-3
0.01
0.1
1
10
100
T
J=150
o
C
T
J=125
o
C
T
J=75
o
C
T
J=25
o
C
Reverse Voltage, V
R[V]
100µ
1m
10m
100m
1
10
1
10
Pulse Duration [s]
1
10
100
0
20
40
60
80
100
Number of Cycles @ 60Hz
MCC
TM
Micro Commercial Components
MBR545F
www.mccsemi.com
2 of 3
Revision:
2
200
8/01/01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com