Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR730 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR730
Description  7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR730 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR730 Datasheet HTML 1Page - Micro Commercial Components MBR730 Datasheet HTML 2Page - Micro Commercial Components MBR730 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR720
THRU
MBR760
7.5 Amp
Schottky Barrier
Rectifier
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +175°C
MBR720
MBR720
20V
14V
20V
MBR730
MBR730
30V
21V
30V
MBR735
MBR735
35V
24.5V
35V
MBR740
MBR740
40V
28V
40V
MBR745
MBR745
45V
31.5V
45V
MBR760
MBR760
60V
42V
60V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
7.5A
TC = 125
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
V F
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
2.
Pulse test: Pulse width 300
µsec, Duty cycle 2%
•
Metal of siliconrectifier, majonty carrier conducton
•
Guard ring for transient protection
•
Low power loss high efficiency
•
High surge capacity, High current capability
MBR720-745
MBR760
.84V
IFM = 15 A mper
IFM = 7.5 A mper
TA = 25
°C
.75V
A
B
C
K
J
I
G
F
D
N
M
L
H
PIN 1
PIN 2
CASE
PIN
12

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.190
.210
4.83
5.33
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92

Typical Junction
Capacitance
CJ
400pF
Measured at
1.0MHz, VR=4.0V
MBR720-745
MBR760
IR
0.1mA
0.5mA
TJ = 25
°C
MBR720-745
MBR760
15mA
50mA
TJ = 125
°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%  !"#
Revision:
6
200
8/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
TO-220AC
20 to 60 Volts
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
MCC
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
(Note 2)


Similar Part No. - MBR730

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR730 DIODES-MBR730 Datasheet
65Kb / 2P
7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 7 - 2
logo
Micro Commercial Compon...
MBR730 MCC-MBR730 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Microsemi Corporation
MBR730 MICROSEMI-MBR730 Datasheet
131Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
MBR730 DIODES-MBR730 Datasheet
67Kb / 3P
7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 9 - 2
logo
Sirectifier Semiconduct...
MBR730 SIRECTIFIER-MBR730 Datasheet
81Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR730

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020WT MCC-MBR3020WT Datasheet
1Mb / 2P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
SRD602 MCC-SRD602 Datasheet
375Kb / 2P
Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX02520 MCC-MBRX02520_08 Datasheet
198Kb / 5P
0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Kersemi Electronic Co.,...
MBR4040CT KERSEMI-MBR4040CT Datasheet
1Mb / 2P
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Micro Commercial Compon...
MBR720 MCC-MBR720_13 Datasheet
200Kb / 3P
7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRB1620CT MCC-MBRB1620CT_17 Datasheet
592Kb / 3P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com