Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1040F Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBR1040F
Description  10 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR1040F Datasheet(HTML) 1 Page - Micro Commercial Components

  MBR1040F Datasheet HTML 1Page - Micro Commercial Components MBR1040F Datasheet HTML 2Page - Micro Commercial Components MBR1040F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR1020F
THRU
MBR10100F
10 Amp
Schottky
Barrier Rectifier
20 to 100 Volts
Features
Maximum Ratings
•
Operating Junction Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR1020F
20V
14V
20V
MBR1030F
30V
21V
30V
MBR1040F
40V
26V
40V
MBR1050F
50V
35V
50V
MBR1060F
60V
42V
60V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TC = 100
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1020F-1040F
1050F-1060F
VF
.55V
.75V
IFM = 10A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
TJ = 25
°C
MBR1080F
80V
56V
80V
MBR1090F
90V
63V
90V
IR
1080F-10100F
.85V
0.5mA
TC = 25
°C
50mA
TC = 100
°C

INCHES
MM
DIM
MIN
MAX
MIN
MAX
A
.583
.606
14.80
15.40
B
---
.406
---
10.30

A
B
C
J
I
H
F
E
D
M
L
K
G
PIN 1
PIN
12
ITO-220AC
C
.100
.112
2.55
2.85
D
.248
.272
6.30
6.90
E
---
.161
---
4.10
F
.512
.543
13.00
13.80
G
.200
5.10
H
---
.035
---
0.90
I
---
.032
---
0.80
J
.118
.134
3.00
3.40
K
---
.189
---
4.80
L
---
.123
---
3.10
M
.098
.114
2.50
2.90
PIN 2
MBR10100F
100V
80V
100V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
6
200
8/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Low Power Loss
And High Efficiency
•
Low Forward Voltage , High Current Capability
•
Marking : type number
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Notes:1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.


Similar Part No. - MBR1040F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1040F MCC-MBR1040F Datasheet
382Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Pan Jit International I...
MBR1040F PANJIT-MBR1040F Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBR1040F KERSEMI-MBR1040F Datasheet
1Mb / 2P
Low Power Loss
MBR1040F KERSEMI-MBR1040F Datasheet
1Mb / 2P
Low Forward Voltage , High Current Capability
MBR1040F KERSEMI-MBR1040F Datasheet
1Mb / 2P
Low Forward Voltage , High Current Capability
More results

Similar Description - MBR1040F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020 MCC-MBRF1020 Datasheet
99Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020CT MCC-MBRF1020CT Datasheet
390Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1020 MCC-MBR1020_17 Datasheet
434Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020F MCC-MBR1020F_13 Datasheet
195Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com