Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAS19
Description  Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS19 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAS19_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS19_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS19 / BAS20
Surface Mount Fast Switching Diode
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
SOT-23
Features
Fast switching speed
Surface mount package ideally suited for
automatic insertion
For general purpose switching applications
High conductance
Mechanical Data
Case: SOT-23, Molded plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Polarity: See diagram
BAS19 Marking: JP
BAS20 Marking: JR
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
BAS19
BAS20
Units
Working Peak Reverse Voltage
DC Blocking Voltage
VRM
100
150
V
Average Rectifier Output Current
Io
200
mA
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to Ambient Air
RθJA
500
OC /W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Reverse Breakdown Voltage
BAS19 IR=100uA
BAS20 IR=100uA
VR(BR)
100
150
V
Peak Reverse Current
BAS19 VR=100V
BAS20 VR=150V
IR
-
0.1
uA
Forward Voltage
IF=100mA
IF= 200mA
VF
-
1.0
1.25
V
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
5
pF
Reverse Recovery Time
IF=IR=30mA, Irr=0.1 x IR,
trr
-
50
nS
Version: A07
Preliminary


Similar Part No. - BAS19_07

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS19 WTE-BAS19_06 Datasheet
42Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAS19 DIODES-BAS19_08 Datasheet
124Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
More results

Similar Description - BAS19_07

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com