Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS316WSRRG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAS316WSRRG
Description  200mW, High-speed switching SMD Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS316WSRRG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAS316WSRRG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS316WSRRG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS316WSRRG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS316WS
200mW, High-speed switching SMD Diode
Small Signal Diode
Electrical Characteristics
I
R
= 100 uA
IF= 1.0 mA
IF= 10 mA
IF= 50 mA
IF= 150 mA
VR= 75 V
VR= 25 V
Junction Capacitance
VR=
Reverse Recovery Time
IF=IR=
Tape & Reel specification
Dimension(mm)
Note 1: A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be
within 0.05 mm min. to 0.5 mm max. The component cannot rote more than 10o within the determined cavity.
Note 2: If B1 exceeds 4.2 mm(0.165'') for 8 mm embossed tape, the tape may not feed through all tape feeders.
W1
14.4 Max.
Overall tape thickness
T
0.6 Max.
Tape width
Reel width
W
8.30 Max.
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
P1
3.50 ±0.05
4.00 ±0.10
2.00 ±0.10
F
P0
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Item
Carrier depth
2.40 Max.
1.50 +0.10
D
Symbol
K
0.855
E
D2
178 ± 1
50 Min.
13.0 ± 0.5
1.75 ±0.10
A
D1
VF
0.715
Max
Units
V
V
-
Min
-
-
Type Number
Symbol
1.000
-
1.250
Forward Voltage
Reverse Breakdown Voltage
V(BR)
100
-
Reverse Leakage Current
IR
-
1.00
uA
0.03
0, f=1.0MHz
CJ
-
1.5
pF
ns
10mA, Irr=0.1 x IR,
Trr
-
4.0
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
Aersion : A10
Version : A10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com