Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19
Description  High Voltage Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV19_11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19_11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV19_11 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV19 / BAV20 / BAV21
High Voltage Switching Diode
Small Signal Diode
Electrical Characteristics
Reverse Breakdown Voltage
BAV19
BAV20
BAV21
Forward Voltage
IF=100mA
IF=200mA
Reverse Leakage Current
BAV19
VR=100V
BAV20
VR=150V
BAV21
VR=200V
Junction Capacitance
VR=0, f=1.0MHz
Reverse Recovery Time (Note 1)
Notes: 1. Test Conditions: IF=IR=30mA,RL=100Ω, IRR=3mA
Tape & Reel specification
W1
Item
Symbol
K
E
Component Pitch
Untaped lead
Bent
Tape Mismatch
lead beyond tape
0.55(MAX)
Dimension(mm)
Overall width
A
B
Tape spacing
Reel outside diameter
0
260+/-3
D
0.69(MAX)
3.2Min
Glass offset
Taped lead
G
D2
Reel inner diameter
Feed hole width
5.08+/-0.40
+/-0.69
1.2 Max
H
F
C
L1-L2
Reel width
20+/-0.5
72+3/-1
Trr
50.0
ns
64+1.69/-0.69
48+/-1
D1
CJ
1.00
-
1.25
-
VF
IR
-
100
-
pF
5.0
Min
Max
Units
nA
-
V(BR)
250
-
200
-
-
52.0+/-0.69
V
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
V
Type Number
Symbol
IR=100uA
120
E
L2
L1
F
G
H
B
A
C
K
W1
D1
D2
D
Version : B11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com