Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19W
Description  410mW High Voltage SMD Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV19W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV19W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV19W/BAV20W/BAV21W
410mW High Voltage SMD Switching Diode
Small Signal Diode
These diodes are also available in DO-35, LL34 Package
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Case : Flat lead SOD-123F small outline plastic package
Min
Max
Min
Max
1.5
1.7
0.059 0.067
3.3
3.9
0.130 0.154
0.5
0.7
0.020 0.028
2.5
2.7
0.098 0.106
0.8
1.15
0.031 0.045
0.05
0.2
0.002 0.008
Part No.
Package
Packing Code
Packing
Marking
BAV19W
SOD-123F
RH
3K / 7" Reel
H1
BAV20W
SOD-123F
RH
3K / 7" Reel
H2
BAV21W
SOD-123F
RH
3K / 7" Reel
H3
BAV19W
SOD-123F
RHG
3K / 7" Reel
H1
BAV20W
SOD-123F
RHG
3K / 7" Reel
H2
BAV21W
SOD-123F
RHG
3K / 7" Reel
H3
Maximum Ratings
Pulse width= 1μs
Pulse width= 1s
IFSM
Unit (inch)
Pin Configuration
Marking Code : H1, H2, H3
Dimensions
(mm)
F
Unit (mm)
A
B
C
Type Number
Polarity : Indicated by cathode band
Weight : 4.85±0.5 mg
Rating at 25°C ambient temperature unless otherwise specified.
Ordering Information
Units
Symbol
Suggested PAD Layout
D
VRRM
IFRM
Power Dissipation
Repetitive Peak Forward Current
Repetitive Peak Reverse Voltage
PD
Junction and Storage Temperature Range
TJ, TSTG
-65 to + 150
Mean Forward Current
Thermal Resistance (Junction to Ambient)
IO
RθJA
Non-Repetitive Peak Forward Surge Current
1
°C
E
Value
200
375
mA
625
410
250
4
mA
°C/W
mW
V
A
Note1. The suggested land pattern dimensions have been provided for reference only, as actual pad layouts
may vary despending on application.
SOD-123F
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, solderable
per MIL-STD-202, Method 208 guaranteed
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
High temperature soldering guaranteed: 260°C/10s
D
A
B
C
E
F
Version : D10


Similar Part No. - BAV19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19W PANJIT-BAV19W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV19W TRSYS-BAV19W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV19W WTE-BAV19W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV19W DIODES-BAV19W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV19W GE-BAV19W Datasheet
187Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV19W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BZT52C2V4 WTE-BZT52C2V4 Datasheet
60Kb / 5P
410mW SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
B0540W TSC-B0540W Datasheet
87Kb / 2P
410mW, Low VF SMD Schottky Barrier Diode
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
410 mW High Voltage SMD Switching Diode
B0520LW TSC-B0520LW_10 Datasheet
162Kb / 3P
410mW, Low VF SMD Schottky Barrier Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
200mW High Voltage SMD Switching Diode
BAV19WS TSC-BAV19WS_10 Datasheet
251Kb / 3P
410mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316_15 Datasheet
218Kb / 4P
200mW High Voltage SMD Switching Diode
BAV19W TSC-BAV19W_15 Datasheet
235Kb / 4P
410mW High Voltage SMD Switching Diode
BAV19WS TSC-BAV19WS_15 Datasheet
210Kb / 4P
200mW High Voltage SMD Switching Diode
logo
E-CMOS Corporation
ECC1N4148W E-CMOS-ECC1N4148W Datasheet
376Kb / 5P
410mW Surface Mount Switching Diode-100V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com