Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV99S
Description  250mW High Speed Switching Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV99S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV99S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV99S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV99S
250mW High Speed Switching Array
Small Signal Diode
Electrical Characteristics
IR= 2.5μA
IF= 1.0mA
IF= 10mA
IF= 50mA
IF= 100mA
IF= 150mA
VR= 75mA
Junction Capacitance
VR=0, f=1.0MHz
-
Notes:2. Reverse Recovery Test Conditions: I =I =10mA, R =100Ω
Tape & Reel specification
Sprocke hole position
E
1.75 ±0.10
W
8.10 ±0.20
P0
4.00 ±0.10
Punch hole position
Sprocke hole pitch
Tape width
3.15 ±0.10
55 Min
Feed hole width
2.77 ±0.10
D2
13.0 ± 0.20
Item
Symbol
Reel inner diameter
Carrier depth
C
D1
Carrier length
B
Reel outside diameter
Sprocket hole
Dimension
(mm)
Carrier width
A
F
3.50 ±0.05
1.22 ±0.10
1.50 ± 0.10
D
178 ± 1
d
Reel width
Embossment center
Overall tape thickness
12.30 ±0.20
2.00 ±0.05
0.229 ±0.013
W1
P1
T
Units
Reverse Breakdown Voltage
V(BR)
75
-
V
Type Number
Symbol
Min
Max
VF
-
0.715
1.250
V
Forward Voltage
-
0.855
-
1.000
-
1.200
-
Reverse Leakage Current
IR
-1
uA
CJ
-
1.5
pF
4ns
Reverse Recovery Time (Note 2)
Trr
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Version : B11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com