Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC848ARF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC848ARF
Description  250mW, NPN Small Signal Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC848ARF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC848ARF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC848ARF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC848ARF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC846A/B, BC847A/B/C, BC848A/B/C
250mW, NPN Small Signal Transistor
Small Signal Transistor
Electrical Characteristics
Units
Collector-Base Breakdown Voltage
BC846
BC847
BC848
IC= 10μAIE= 0
V
Collector-Emitter Breakdown Voltage
BC846
BC847
BC848
IC= 10mA
IB= 0
V
BC846
BC847
BC848
IE= 1μAIC= 0
V
VCB= 30V
IE= 0
nA
VEB= 5V
IC=0
μA
VCE= 5V
IC= 2mA
IC= 100mA IB= 5mA
V
IC= 100mA IB= 5mA
V
VCE= 5V
IC= 10mA
f= 100MHz
MHz
Tape & Reel specification
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
Emitter-Base Breakdown Voltage
Collector-Emitter saturation voltage
VCE(sat)
Base-Emitter saturation voltage
VBE(sat)
0.5
1.1
178 ± 1
d
D
C
2.77 ±0.10
1.22 ±0.10
55 Min
Item
Symbol
Dimension(mm)
A
B
3.15 ±0.10
1.50 ± 0.10
Type Number
80
50
30
Symbol
V(BR)CBO
220
450
800
-15
Min
Max
65
45
30
Transition frequency
W1
P0
P1
100
fT
-
T
D1
D2
ICBO
V(BR)CEO
V(BR)EBO
12.30 ±0.20
8.10 ±0.20
W
4.00 ±0.10
E
F
-
13.0 ± 0.20
1.75 ±0.10
3.50 ±0.05
-
-
-
-
6
6
5
0.1
BC846A, BC847A, BC848A
DC current gain
BC846B, BC847B, BC848B
BC847C, BC848C
2.00 ±0.05
0.229 ±0.013
Collector Cut-off Current
IEBO
-
110
200
420
hFE
Emitter Cut-off Current
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
Version : E11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com