Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM40X21 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LM40X21
Description  Character Type LCD Module(FA/POS/Measuring instruments)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM40X21 Datasheet(HTML) 1 Page - Sharp Corporation

  LM40X21 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Character Type LCD Module
LM40X21A
(FA/POS/Measuring instruments)
Features
s 40 characters x 2 lines
s STN LCD (Transmissive)
s 5 x 7 dots with cursor
s Suitable for telephone & facsimile etc.,
Specifications
Parameter
Unit
Parameter
Unit
No. of characters
40 x 2
-
Power consumption
1 512
mW
Character size(H x V)
3.2 x 4.85
mm
Supply voltage
5
(V)
Viewing area (H x V)
154.4 x 15.8
mm
Outline dimensions (W x H x D) 182.0 x 33.5 x 16.0
mm
Panel type
STN
-
Weight
90
g
Panel mode
Transmissive
-
Operating temperature
0 to +50
°C
Viewing direction
Normal view
-
Storage temperature
-25 to +70
°C
Backlight type
LED
-
Backlight color
Yellow-green
-
Outline Dimensions
unit : mm
0.6
0.05
3.2
0.5
16
15
3.45
7.4
3.5
175
Viewing Area
147.5
154.4 x 15.8
163.3
182
13
2
14
0.6
147.5
2.54
4.35
1


Similar Part No. - LM40X21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM40X21 SHARP-LM40X21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
More results

Similar Description - LM40X21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM12S49 SHARP-LM12S49 Datasheet
114Kb / 1P
Color STN-LCD Module(FA/POS/Measuring instruments)
LM16155 SHARP-LM16155 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM162KS1 SHARP-LM162KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM40A21 SHARP-LM40A21 Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
Character Type LCD Module(FA/POS/Measuring instruments)
LQ057Q3DC02 SHARP-LQ057Q3DC02 Datasheet
118Kb / 1P
Color TFT-LCD Module(FA/POS/Measuring instruments)
LQ121S1DG31 SHARP-LQ121S1DG31 Datasheet
119Kb / 1P
Color TFT-LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com